Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDT5451 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMDT5451
Description  COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT5451 Datasheet(HTML) 3 Page - Diodes Incorporated

  MMDT5451_2 Datasheet HTML 1Page - Diodes Incorporated MMDT5451_2 Datasheet HTML 2Page - Diodes Incorporated MMDT5451_2 Datasheet HTML 3Page - Diodes Incorporated MMDT5451_2 Datasheet HTML 4Page - Diodes Incorporated MMDT5451_2 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.04
0.05
0.06
0.07
0.08
0.09
0.15
0.14
0.13
0.12
0.11
0.10
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 2, Collector Emitter Saturation Voltage
vs. Collector Current (NPN5551)
C
I
I
C
B
= 10
T = 150°C
A
T = 25°C
A
T = -50°C
A
0
50
25
50
75
100 125
150
175 200
T , AMBIENT TEMPERATURE (°C)
Fig. 1, Max Power Dissipation vs.
Ambient Temperature (Total Device)
A
100
150
200
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
110
100
I , COLLECTOR CURRENT (mA)
Fig. 4, Base Emitter Voltage
vs. Collector Current (NPN5551)
C
V
= 5V
CE
T = 150°C
A
T = 25°C
A
T = -50°C
A
1
10
1,000
100
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 3, DC Current Gain vs.
Collector Current (NPN5551)
C
V
= 5V
CE
T = 150°C
A
T = 25°C
A
T = -50°C
A
1
10
1,000
100
110
100
I , COLLECTOR CURRENT (mA)
Fig. 5, Gain Bandwidth Product vs.
Collector Current (NPN5551)
C
0.01
0.1
1.0
10.0
1
10
100
1,000
T = 25°C
A
T = -50°C
A
T = 150°C
A
I , COLLECTOR CURRENT (mA)
Fig. 6, Collector Emitter Saturation Voltage
vs. Collector Current (PNP5401)
C
I
I
C
B
= 10
DS30171 Rev. 9 - 2
3 of 5
www.diodes.com
MMDT5451
© Diodes Incorporated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com