Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDT5451 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MMDT5451
Description  COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT5451 Datasheet(HTML) 4 Page - Diodes Incorporated

  MMDT5451_2 Datasheet HTML 1Page - Diodes Incorporated MMDT5451_2 Datasheet HTML 2Page - Diodes Incorporated MMDT5451_2 Datasheet HTML 3Page - Diodes Incorporated MMDT5451_2 Datasheet HTML 4Page - Diodes Incorporated MMDT5451_2 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1
10
100
1,000
10,000
110
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 7, DC Current Gain vs. Collector Current (PNP5401)
C
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10
100
I , COLLECTOR CURRENT (mA)
Fig. 8, Base Emitter Voltage
vs. Collector Current (PNP5401)
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
V
= 5V
CE
10
100
1,000
1
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 9, Gain Bandwidth Product
vs. Collector Current (PNP5401)
C
V
= 10V
CE
DS30171 Rev. 9 - 2
4 of 5
www.diodes.com
MMDT5451
© Diodes Incorporated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com