Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5259BS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBZ5259BS
Description  200mW SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5259BS Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBZ5259BS Datasheet HTML 1Page - Diodes Incorporated MMBZ5259BS Datasheet HTML 2Page - Diodes Incorporated MMBZ5259BS Datasheet HTML 3Page - Diodes Incorporated MMBZ5259BS Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBZ5221BS - MMBZ5259BS
200mW SURFACE MOUNT ZENER DIODE
Features
•
Planar Die Construction
•
Dual Isolated Zeners in Ultra-Small Surface Mount Package
•
Ideally Suited for Automated Assembly Processes
•
Lead Free/RoHS Compliant (Note 2)
•
"Green" Device (Note 3 and 4)
Mechanical Data
•
Case: SOT-363
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
•
Polarity: See Diagram
•
Marking Information: See Page 4
•
Ordering Information: See Page 4
•
Weight: 0.006 grams (approximate)
C
1
A
1
C
2
A
2
NC
NC
Top View
Device Schematic
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 1)
PD
200
mW
Thermal Resistance, Junction to Ambient Air
(Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Notes:
1.
Mounted on FR4 PC Board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2.
No purposefully added lead.
3.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
4.
Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
MMBZ5221BS - MMBZ5259BS
Document number: DS31039 Rev. 15 - 2
1 of 4
www.diodes.com
June 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - MMBZ5259BS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5259BS DIODES-MMBZ5259BS Datasheet
63Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 8 - 2
MMBZ5259BS DIODES-MMBZ5259BS Datasheet
460Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
SHIKUES Electronics
MMBZ5259BS SKTECHNOLGY-MMBZ5259BS Datasheet
856Kb / 3P
Planar Die Construction
logo
Diodes Incorporated
MMBZ5259BS-7-F DIODES-MMBZ5259BS-7-F Datasheet
460Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
More results

Similar Description - MMBZ5259BS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 13 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
200mW,Surface Mount Zener Diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
200mW Surface Mount Zener Diode
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
Rev 15
MMBZ5221BW DIODES-MMBZ5221BW_15 Datasheet
193Kb / 5P
200mW SURFACE MOUNT ZENER DIODE
Rev 14
logo
Microdiode Semiconducto...
MM3Z2V4 CHENDA-MM3Z2V4 Datasheet
526Kb / 5P
200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com