Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5259BS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMBZ5259BS
Description  200mW SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5259BS Datasheet(HTML) 3 Page - Diodes Incorporated

  MMBZ5259BS Datasheet HTML 1Page - Diodes Incorporated MMBZ5259BS Datasheet HTML 2Page - Diodes Incorporated MMBZ5259BS Datasheet HTML 3Page - Diodes Incorporated MMBZ5259BS Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBZ5221BS - MMBZ5259BS
0
0.1
0.2
0.3
0.4
0
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
0
10
20
30
40
50
0
1
2
3
456
7
89
10
V , ZENER VOLTAGE (V)
Fig. 2 Typical Zener Breakdown Characteristics
Z
T = 25°C
j
C5V6
6V8
8V2
Test Current I
20mA
Z
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3 Typical Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
j
Test current IZ
Nominal Zener Breakdown
Voltage
10
12
18
22
27
33
36
15
39
1
10
100
1,000
110
100
V , NOMINAL ZENER VOLTAGE (V)
Fig. 4 Typical Total Capacitance vs. Nominal Zener Voltage
Z
0V BIAS
1
10
100
1,000
110
V , ZENER VOLTAGE (V)
Fig. 5 Typical Zener Impedance Characteristics
Z
100
1
10
100
1
10
100
PULSE WIDTH (ms)
Fig. 6 Maximum Non-repetitive Surge Power
1,000
MMBZ5221BS - MMBZ5259BS
Document number: DS31039 Rev. 15 - 2
3 of 4
www.diodes.com
June 2008
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com