Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5259BS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBZ5259BS
Description  200mW SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5259BS Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBZ5259BS Datasheet HTML 1Page - Diodes Incorporated MMBZ5259BS Datasheet HTML 2Page - Diodes Incorporated MMBZ5259BS Datasheet HTML 3Page - Diodes Incorporated MMBZ5259BS Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBZ5221BS - MMBZ5259BS
Document number: DS31039 Rev. 15 - 2
2 of 4
www.diodes.com
June 2008
© Diodes Incorporated
MMBZ5221BS - MMBZ5259BS
Electrical Characteristics @TA = 25°C unless otherwise specified
Zener Voltage Range (Note 5)
Maximum Zener
Impedance (Note 6)
Maximum Reverse
Leakage Current (Note 5)
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
= 0.25mA
IR
@ VR
Type
Number
Marking
Code
Nom (V)
Min (V)
Max (V)
mA
Ω
μA
V
MMBZ5221BS
KC1
2.4
2.28
2.52
20
30
1200
100
1.0
MMBZ5223BS
KC3
2.7
2.57
2.84
20
30
1300
75
1.0
MMBZ5225BS
KC5
3.0
2.85
3.15
20
30
1600
50
1.0
MMBZ5226BS
KG1
3.3
3.14
3.47
20
28
1600
25
1.0
MMBZ5227BS
KG2
3.6
3.42
3.78
20
24
1700
15
1.0
MMBZ5228BS
KG3
3.9
3.71
4.10
20
23
1900
10
1.0
MMBZ5229BS
KG4
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMBZ5230BS
KG5
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMBZ5231BS
KE1
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMBZ5232BS
KE2
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMBZ5233BS
KE3
6.0
5.70
6.30
20
7
1600
5.0
3.5
MMBZ5234BS
KE4
6.2
5.89
6.51
20
7
1000
5.0
4.0
MMBZ5235BS
KE5
6.8
6.46
7.14
20
5
750
3.0
5.0
MMBZ5236BS
KF1
7.5
7.13
7.88
20
6
500
3.0
6.0
MMBZ5237BS
KF2
8.2
7.79
8.61
20
8
500
3.0
6.5
MMBZ5238BS
KF3
8.7
8.27
9.14
20
8
600
3.0
6.5
MMBZ5239BS
KF4
9.1
8.65
9.56
20
10
600
3.0
7.0
MMBZ5240BS
KF5
10
9.50
10.50
20
17
600
3.0
8.0
MMBZ5241BS
KH1
11
10.45
11.55
20
22
600
2.0
8.4
MMBZ5242BS
KH2
12
11.40
12.60
20
30
600
1.0
9.1
MMBZ5243BS
KH3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMBZ5245BS
KH5
15
14.25
15.75
8.5
16
600
0.1
11
MMBZ5246BS
KJ1
16
15.20
16.80
7.8
17
600
0.1
12
MMBZ5248BS
KJ3
18
17.10
18.90
7.0
21
600
0.1
14
MMBZ5250BS
KJ5
20
19.00
21.00
6.2
25
600
0.1
15
MMBZ5251BS
KK1
22
20.90
23.10
5.6
29
600
0.1
17
MMBZ5252BS
KK2
24
22.80
25.20
5.2
33
600
0.1
18
MMBZ5254BS
KK4
27
25.65
28.35
5.0
41
600
0.1
21
MMBZ5255BS
KK5
28
26.60
29.40
4.5
44
600
0.1
21
MMBZ5256BS
KM1
30
28.50
31.50
4.2
49
600
0.1
23
MMBZ5257BS
KM2
33
31.35
34.65
3.8
58
700
0.1
25
MMBZ5258BS
KM3
36
34.20
37.80
3.4
70
700
0.1
27
MMBZ5259BS
KM4
39
37.05
40.95
3.2
80
800
0.1
30
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. f = 1KHz.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com