Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC3036LSD Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMC3036LSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3036LSD Datasheet(HTML) 5 Page - Diodes Incorporated

  DMC3036LSD Datasheet HTML 1Page - Diodes Incorporated DMC3036LSD Datasheet HTML 2Page - Diodes Incorporated DMC3036LSD Datasheet HTML 3Page - Diodes Incorporated DMC3036LSD Datasheet HTML 4Page - Diodes Incorporated DMC3036LSD Datasheet HTML 5Page - Diodes Incorporated DMC3036LSD Datasheet HTML 6Page - Diodes Incorporated DMC3036LSD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMC3036LSD
P-CHANNEL
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
01
2
3
4
Fig. 10 Typical Output Characteristics
-V , DRAIN-SOURCE VOLTAGE (V)
DS
5
V
= -10V
GS
V
= -4.5V
GS
V
= -3.0V
GS
V
= -3.5V
GS
V
= -2.5V
V
= -2.0V
GS
GS
0
6
12
18
24
30
12
3
4
5
Fig. 11 Typical Transfer Characteristics
-V , GATE SOURCE VOLTAGE (V)
GS
6
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 5V
Pulsed
DS
0.01
0.1
1
0
5
10
15
20
25
30
-I , DRAIN-SOURCE CURRENT (A)
D
Fig 12 On-Resistance vs. Drain Current & Gate Voltage
V
= -10V
GS
V
= -4.5V
GS
0
0.02
0.04
0.06
0.08
0.1
02
4
6
8
-I , DRAIN-SOURCE CURRENT (A)
D
Fig 13 On-Resistance vs. Drain Current & Temperature
10
V
= -4.5V
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
Fig. 14 Static Drain-Source On-Resistance
vs. Ambient Temperature
V
= -10V
I = -10A
GS
D
V
= -4.5V
I = -5A
GS
D
0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
255075
100 125 150
T , AMBIENT TEMPERATURE (°C)
A
Fig. 15 Gate Threshold Variation vs. Ambient Temperature
I = -250µA
D
I = 1mA
D
DMC3036LSD
Document number: DS31311 Rev. 4 - 2
5 of 7
www.diodes.com
October 2008
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com