Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC3036LSD Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMC3036LSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3036LSD Datasheet(HTML) 6 Page - Diodes Incorporated

  DMC3036LSD Datasheet HTML 1Page - Diodes Incorporated DMC3036LSD Datasheet HTML 2Page - Diodes Incorporated DMC3036LSD Datasheet HTML 3Page - Diodes Incorporated DMC3036LSD Datasheet HTML 4Page - Diodes Incorporated DMC3036LSD Datasheet HTML 5Page - Diodes Incorporated DMC3036LSD Datasheet HTML 6Page - Diodes Incorporated DMC3036LSD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMC3036LSD
P-CHANNEL (continued)
0
4
8
12
16
20
-V , SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 16 Reverse Drain Current vs. Source-Drain Voltage
0
0.2
0.4
0.6
0.8
1
1.2
T = 25°C
A
10
100
1,000
Fig. 17 Typical Total Capacitance
0
5
10
15
20
25
30
-V , DRAIN-SOURCE VOLTAGE (V)
DS
Ciss
Coss
Crss
f = 1MHz
0.00001
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) * R
R
= 113°C/W
θθ
θ
JA
JA
JA
P(pk)
t1
t2
D = Single Pulse
D = 0.005
D = 0.02
D = 0.01
D = 0.05
D = 0.1
D = 0.5
D = 0.3
D = 0.9
D = 0.7
Ordering Information (Note 6)
Part Number
Case
Packaging
DMC3036LSD-13
SOP-8L
2500/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
( Top View )
Logo
Part no.
Year: "07" =2007
"08" =2008
Xth week: 01~52
1
4
8
5
C3036LD
YY WW
DMC3036LSD
Document number: DS31311 Rev. 4 - 2
6 of 7
www.diodes.com
October 2008
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com