Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC3036LSD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMC3036LSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3036LSD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMC3036LSD Datasheet HTML 1Page - Diodes Incorporated DMC3036LSD Datasheet HTML 2Page - Diodes Incorporated DMC3036LSD Datasheet HTML 3Page - Diodes Incorporated DMC3036LSD Datasheet HTML 4Page - Diodes Incorporated DMC3036LSD Datasheet HTML 5Page - Diodes Incorporated DMC3036LSD Datasheet HTML 6Page - Diodes Incorporated DMC3036LSD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMC3036LSD
Document number: DS31311 Rev. 4 - 2
2 of 7
www.diodes.com
October 2008
© Diodes Incorporated
DMC3036LSD
Electrical Characteristics N-CHANNEL @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
30
⎯
⎯
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
1
μA
VDS = 24V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
± 100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
1
⎯
2.1
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
⎯
28
51
36
61
m
Ω
VGS = 10V, ID = 6.9A
VGS = 4.5V, ID = 5.0A
Forward Transfer Admittance
|Yfs|
⎯
7.7
⎯
S
VDS = 5V, ID = 6.9A
Diode Forward Voltage (Note 5)
VSD
0.5
⎯
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
384
⎯
pF
Output Capacitance
Coss
⎯
67
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
48
⎯
pF
VDS = 15V, VGS = 0V, f = 1.0MHz
Gate Resistance
RG
⎯
1.3
⎯
Ω
VGS = 0V VDS = 0V, f = 1MHz
SWITCHING CHARACTERISTICS
Total Gate Charge
Qg
⎯
4.3
8.6
⎯
VDS = 10V, VGS = 4.5V, ID = 10A
VDS = 10V, VGS = 10V, ID = 10A
Gate-Source Charge
Qgs
⎯
1.2
⎯
VDS = 10V, VGS = 10V, ID = 10A
Gate-Drain Charge
Qgd
⎯
2.5
⎯
nC
VDS = 10V, VGS = 10V, ID = 10A
Electrical Characteristics P-CHANNEL @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
-30
⎯
⎯
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
-1.0
μA
VDS = -24V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
± 100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
-1
⎯
-2.2
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
⎯
30
53
36
64
m
Ω
VGS = -10V, ID = -6A
VGS = -4.5V, ID = -5A
Forward Transfer Admittance
|Yfs|
⎯
8.8
⎯
S
VDS =-5V, ID = -6A
Diode Forward Voltage (Note 5)
VSD
-0.5
⎯
-1.2
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
637
⎯
pF
Output Capacitance
Coss
⎯
147
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
105
⎯
pF
VDS = -15V, VGS = 0V, f = 1.0MHz
Gate Resistance
RG
⎯
3.3
⎯
Ω
VGS = 0V, VDS = 0V, f = 1MHz
SWITCHING CHARACTERISTICS
Total Gate Charge
Qg
⎯
6.8
13.7
⎯
VDS = 15V, VGS = -4.5V, ID = 6A
VDS = 15V, VGS = -10V, ID = 6A
Gate-Source Charge
Qgs
⎯
1.6
⎯
VDS = 15V, VGS = -10V, ID = 6A
Gate-Drain Charge
Qgd
⎯
4.2
⎯
nC
VDS = 15V, VGS = -10V, ID = 6A
Notes:
5. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com