Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC3032LSD Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMC3032LSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3032LSD Datasheet(HTML) 3 Page - Diodes Incorporated

  DMC3032LSD Datasheet HTML 1Page - Diodes Incorporated DMC3032LSD Datasheet HTML 2Page - Diodes Incorporated DMC3032LSD Datasheet HTML 3Page - Diodes Incorporated DMC3032LSD Datasheet HTML 4Page - Diodes Incorporated DMC3032LSD Datasheet HTML 5Page - Diodes Incorporated DMC3032LSD Datasheet HTML 6Page - Diodes Incorporated DMC3032LSD Datasheet HTML 7Page - Diodes Incorporated DMC3032LSD Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DMC3032LSD
Document number: DS32153 Rev. 1 - 2
3 of 8
www.diodes.com
May 2010
© Diodes Incorporated
DMC3032LSD
0.1
1
10
100
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
I , DRAIN-SOURCE CURRENT (A)
D
0.01
0.1
1
V
= 4.5V
GS
V
= 2.5V
GS
V
= 8.0V
GS
0
0.02
0.04
0.06
0.08
04
8
12
16
20
I , DRAIN CURRENT (A)
Fig. 4 Typical Drain-Source On-Resistance
vs. Drain Current and Temperature
D
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
0.5
0.7
0.9
1.1
1.3
1.5
1.7
Fig. 5 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , JUNCTION TEMPERATURE (°C)
J
V
= 10V
I = 10A
GS
D
V
= 4.5V
I = 5.0A
GS
D
Fig. 6 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , JUNCTION TEMPERATURE (°C)
J
0
0.01
0.02
0.03
0.07
0.04
0.06
0.05
V
= 10V
I = 10A
GS
D
V
= 4.5V
I = 5.0A
GS
D
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
0
0.4
0.8
1.2
1.6
2.0
I = 1mA
D
I = 250µA
D
0
2
4
6
8
10
12
14
16
18
20
0.2
0.4
0.6
0.8
1.0
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 8 Diode Forward Voltage vs. Current
T = 25°C
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com