Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC3032LSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMC3032LSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3032LSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMC3032LSD Datasheet HTML 1Page - Diodes Incorporated DMC3032LSD Datasheet HTML 2Page - Diodes Incorporated DMC3032LSD Datasheet HTML 3Page - Diodes Incorporated DMC3032LSD Datasheet HTML 4Page - Diodes Incorporated DMC3032LSD Datasheet HTML 5Page - Diodes Incorporated DMC3032LSD Datasheet HTML 6Page - Diodes Incorporated DMC3032LSD Datasheet HTML 7Page - Diodes Incorporated DMC3032LSD Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DMC3032LSD
Document number: DS32153 Rev. 1 - 2
4 of 8
www.diodes.com
May 2010
© Diodes Incorporated
DMC3032LSD
0
5
10
15
20
25
30
Fig. 9 Typical Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
10
100
1,000
f = 1MHz
Ciss
Coss
C
rss
0
5
10
15
20
25
30
Fig. 10 Typical Drain-Source Leakage Current
vs. Drain-Source Voltage
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
1,000
10,000
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Electrical Characteristics P-CHANNEL @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current TJ = 25°C
IDSS
-
-
-1.0
μA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
-1
-1.7
-2.2
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
-
30
39
mΩ
VGS = -10V, ID = -4.3A
42
53
VGS = -4.5V, ID = -3.7A
Forward Transfer Admittance
|Yfs|
-
7
-
S
VDS = -5V, ID = -4.3A
Diode Forward Voltage (Note 5)
VSD
-
-0.75
-1.0
V
VGS = 0V, IS = -1.7A
DYNAMIC CHARACTERISTICS (Note 6)
Input Capacitance
Ciss
-
1002
-
pF
VDS = -15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
125
-
pF
Reverse Transfer Capacitance
Crss
-
118
-
pF
Gate Resistance
Rg
-
13
-
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (4.5V)
Qg
-
10.1
-
nC
VGS = -4.5V/-10V, VDS = -15V,
ID = -6A
Total Gate Charge (10V)
Qg
-
21.1
-
nC
Gate-Source Charge
Qgs
-
2.8
-
nC
Gate-Drain Charge
Qgd
-
3.2
-
nC
Turn-On Delay Time
tD(on)
-
10.1
-
ns
VGS = -10V, VDS = -15V,
RG = 6Ω , ID = -1A
Turn-On Rise Time
tr
-
6.5
-
ns
Turn-Off Delay Time
tD(off)
-
50.1
-
ns
Turn-Off Fall Time
tf
-
22.2
-
ns
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com