Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNBG2000 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZNBG2000
Description  FET BIAS CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZNBG2000 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZNBG2000 Datasheet HTML 1Page - Diodes Incorporated ZNBG2000 Datasheet HTML 2Page - Diodes Incorporated ZNBG2000 Datasheet HTML 3Page - Diodes Incorporated ZNBG2000 Datasheet HTML 4Page - Diodes Incorporated ZNBG2000 Datasheet HTML 5Page - Diodes Incorporated ZNBG2000 Datasheet HTML 6Page - Diodes Incorporated ZNBG2000 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
APPLICATIONS
INFORMATION
The above is a partial application circuit for the ZNBG
series showing all external components required for
appropriate biasing. The bias circuits are
unconditionally stable over the full temperature
range with the associated FETs and gate and drain
capacitors in circuit.
Capacitors CD and CG ensure that residual power
supply and substrate generator noise is not allowed
to affect other external circuits which may be
sensitive to RF interference. They also serve to
suppress any potential RF feedthrough between
stages via the ZNBG device. These capacitors are
required for all stages used. Values of 10nF and 4.7nF
respectively are recommended however this is
design dependent and any value between 1nF and
100nF could be used.
The capacitors CNB and CSUB are an integral part of
the ZNBGs negative supply generator. The negative
bias voltage is generated on-chip using an internal
oscillator. The required value of capacitors CNB and
CSUB is 47nF. This generator produces a low current
supply of approximately -3 volts. Although this
generator is intended purely to bias the external
FETs, it can be used to power other external circuits
via the CSUB pin.
Resistor RCAL1 sets the drain current at which all
external FETs are operated. If any bias control circuit
is not required, its related drain and gate connections
may be left open circuit without affecting the
operation of the remaining bias circuits. If all FETs
associated with a current setting resistor are omitted,
the particular RCAL should still be included. The
supply current can be reduced, if required, by using a
high value RCAL resistor (e.g. 470k).
The ZNBG devices have been designed to protect the
external FETs from adverse operating conditions.
With a JFET connected to any bias circuit, the gate
output voltage of the bias circuit can not exceed the
range -3.5V to 0.7V, under any conditions including
powerup and powerdown transients. Should the
negative bias generator be shorted or overloaded so
that the drain current of the external FETs can no
longer be controlled, the drain supply to FETs is shut
down to avoid damage to the FETs by excessive
drain current.
The following diagram show the ZNBG2000/1 in
typical LNB applications.
ISSUE 1 - AUGUST 2001
ZNBG2000
ZNBG2001
5
16k
TYPICAL APPLICATION CIRCUIT
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com