Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNBG2000 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZNBG2000
Description  FET BIAS CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZNBG2000 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZNBG2000 Datasheet HTML 1Page - Diodes Incorporated ZNBG2000 Datasheet HTML 2Page - Diodes Incorporated ZNBG2000 Datasheet HTML 3Page - Diodes Incorporated ZNBG2000 Datasheet HTML 4Page - Diodes Incorporated ZNBG2000 Datasheet HTML 5Page - Diodes Incorporated ZNBG2000 Datasheet HTML 6Page - Diodes Incorporated ZNBG2000 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FUNCTIONAL
DESCRIPTION
The ZNBG devices provide all the bias requirements
for external FETs, including the generation of the
negative supply required for gate biasing, from the
single supply voltage.
The diagram above shows a single stage from the
ZNBG series. The ZNBG2000/1 contains 2 such
stages.
The drain voltage of the external FET QN is set by the
ZNBG device to its normal operating voltage. This is
determined by the on board VD Set reference, for the
ZNBG2000 this is nominally 2.2 volts whilst the
ZNBG2001 provides nominally 2 volts.
The drain current taken by the FET is monitored by
the low value resistor ID Sense. The amplifier driving
the gate of the FET adjusts the gate voltage of QN so
that the drain current taken matches the current
called for by an external resistor RCAL. Both ZNBG
devices have the facility to program different drain
currents into selected FETs.
Since the FET is a depletion mode transistor, it is
usually necessary to drive its gate negative with
respect to ground to obtain the required drain
current. To provide this capability powered from a
single positive supply, the device includes a low
current negative supply generator. This generator
uses an internal oscillator and two external
capacitors, CNB and CSUB.
ISSUE 1 - AUGUST 2001
4
ZNBG2000
ZNBG2001
FUNCTIONAL DIAGRAM
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com