Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNBG2000 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZNBG2000
Description  FET BIAS CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZNBG2000 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZNBG2000 Datasheet HTML 1Page - Diodes Incorporated ZNBG2000 Datasheet HTML 2Page - Diodes Incorporated ZNBG2000 Datasheet HTML 3Page - Diodes Incorporated ZNBG2000 Datasheet HTML 4Page - Diodes Incorporated ZNBG2000 Datasheet HTML 5Page - Diodes Incorporated ZNBG2000 Datasheet HTML 6Page - Diodes Incorporated ZNBG2000 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ISSUE 1 - AUGUST 2001
ZNBG2000
ZNBG2001
3
5
JFET Drain Current v Rcal
010
20
30
50
0
2
4
6
8
10
Rcal (k)
40
12
14
16
Vcc = 5V
JFET Drain Voltage v Drain Current
246
8
16
2.0
2.1
2.2
Drain Current (mA)
10
2.3
2.4
12
14
Vcc = 5V
6V
8V
10V
Vsub v External Load
0
0.2
0.4
0.6
1.0
-3.0
-2.5
-2.0
-1.5
-1.0
External Vsub Load (mA)
0.8
-0.5
0.0
Vcc = 5V
6V
8V
10V
Drain Current (mA)
JFET Drain Voltage v Drain Current
4
1.8
2
2.0
1.9
68
Vcc = 5V
10V
8V
6V
2.2
2.1
10
12
14
16
Note:- Operation with loads > 200
µA
is not guaranteed.
ZNBG2001
ZNBG2000
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com