Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8308 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8308
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8308 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8308 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 2
4
Freescale Semiconductor
Electrical Characteristics
Core supply voltage
VDD
1.0V ±50mV
V
Analog supply for e300 core APLL2
AVDD1
1.0V ±50mV
V
Analog supply for system APLL2
AVDD2
1.0V ±50mV
V
DDR2 DRAM I/O voltage
GVDD
1.8 V ± 100 mV
V
Differential reference voltage for DDR controller
MVREF
GVDD/2 (0.49
× GVDD to
0.51
× GVDD)
V
Standard I/O voltage (Local bus, DUART, system control and power
management, eSDHC, USB, I2C, Interrupt, Ethernet management,
SPI, Miscellaneous and JTAG I/O voltage)3
NVDD
3.3 V ± 300 mV
V
eTSEC IO supply4,5
LVDD1, LVDD2
2.5 V ± 125 mV
3.3 V ± 300 mV
V
Analog and digital ground
VSS
0.0
V
Operating temperature range6
TA/TJ
Standard = 0 to 105
Extended = -40 to 105
°C
Notes:
1 GV
DD, NVDD, AVDD, and VDD must track each other and must vary in the same direction—either in the positive or negative
direction.
2 This voltage is the input to the filter discussed in Section 23.2, “PLL Power Supply Filtering,” and not necessarily the voltage
at the AVDD pin, which may be reduced from VDD by the filter.
3 NV
DD here refers to NVDDA, NVDDB,NVDDG, NVDDH, NVDDJ and NVDDP_K from the ball map.
4 The max value of supply voltage should be selected based on the RGMII mode. The lower range applies to RGMII mode.
5 LV
DD1 here refers to NVDDC and LVDD2 refers to NVDDF from the ball map.
6 Minimum temperature is specified with T
A; Maximum temperature is specified with TJ.
Table 2. Recommended Operating Conditions (continued)
Characteristic
Symbol
Recommended Value1
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com