Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1413D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ADC1413D
Description  Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1413D Datasheet(HTML) 4 Page - NXP Semiconductors

  ADC1413D Datasheet HTML 1Page - NXP Semiconductors ADC1413D Datasheet HTML 2Page - NXP Semiconductors ADC1413D Datasheet HTML 3Page - NXP Semiconductors ADC1413D Datasheet HTML 4Page - NXP Semiconductors ADC1413D Datasheet HTML 5Page - NXP Semiconductors ADC1413D Datasheet HTML 6Page - NXP Semiconductors ADC1413D Datasheet HTML 7Page - NXP Semiconductors ADC1413D Datasheet HTML 8Page - NXP Semiconductors ADC1413D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
ADC1413D_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 9 February 2011
4 of 43
NXP Semiconductors
ADC1413D series
Dual 14-bit ADC; serial JESD204A interface
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pinning diagram
005aaa068
ADC1413D
Transparent top view
DGND
INBM
INBP
DGND
VCMB
VDDD
REFBT
CMLPB
REFBB
CMLNB
AGND
VDDD
CLKM
DGND
CLKP
DGND
AGND
VDDD
REFAB
CMLNA
REFAT
CMLPA
VCMA
VDDD
INAM
DGND
INAP
DGND
14
29
13
30
12
31
11
32
10
33
9
34
8
35
7
36
6
37
5
38
4
39
3
40
2
41
1
42
Table 2.
Pin description
Symbol
Pin
Type [1]
Description
INAP
1
I
channel A analog input
INAM
2
I
channel A complementary analog input
VCMA
3
O
channel A output common voltage
REFAT
4
O
channel A top reference
REFAB
5
O
channel A bottom reference
AGND
6
G
analog ground
CLKP
7
I
clock input
CLKM
8
I
complementary clock input
AGND
9
G
analog ground
REFBB
10
O
channel B bottom reference
REFBT
11
O
channel B top reference
VCMB
12
O
channel B output common voltage
INBM
13
I
channel B complementary analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com