Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1413D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # ADC1413D
Description  Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1413D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button ADC1413D Datasheet HTML 6Page - NXP Semiconductors ADC1413D Datasheet HTML 7Page - NXP Semiconductors ADC1413D Datasheet HTML 8Page - NXP Semiconductors ADC1413D Datasheet HTML 9Page - NXP Semiconductors ADC1413D Datasheet HTML 10Page - NXP Semiconductors ADC1413D Datasheet HTML 11Page - NXP Semiconductors ADC1413D Datasheet HTML 12Page - NXP Semiconductors ADC1413D Datasheet HTML 13Page - NXP Semiconductors ADC1413D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
10. Dynamic characteristics
10.1 Dynamic characteristics
Table 6.
Dynamic characteristics[1]
Symbol
Parameter
Conditions
ADC1413D065
ADC1413D080
ADC1413D105
ADC1413D125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Analog signal processing
2H
second harmonic level
fi = 3 MHz
-
87
-
-
87
-
-
86
-
-
88
-
dBc
fi = 30 MHz
-86-
-86-
-86-
-
87
-
dBc
fi = 70 MHz
-85-
-85-
-84-
-
85
-
dBc
fi = 170 MHz
-
82
-
-
82
-
-
81
-
-
83
-
dBc
3H
third harmonic level
fi = 3 MHz
-
86
-
-
86
-
-
85
-
-
87
-
dBc
fi = 30 MHz
-85-
-85-
-85-
-
86
-
dBc
fi = 70 MHz
-84-
-84-
-83-
-
84
-
dBc
fi = 170 MHz
-
81
-
-
81
-
-
80
-
-
82
-
dBc
THD
total harmonic distortion
fi = 3 MHz
-
83
-
-
83
-
-
82
-
-
84
-
dBc
fi = 30 MHz
-82-
-82-
-82-
-
83
-
dBc
fi = 70 MHz
-81-
-81-
-80-
-
81
-
dBc
fi = 170 MHz
-
78
-
-
78
-
-
77
-
-
79
-
dBc
ENOB
effective number of bits
fi = 3 MHz
-
11.7
--
11.7
--
11.6
-
-
11.6
-
bits
fi = 30 MHz
-
11.6
-
-
11.5
-
-
11.5
-
-
11.5
-
bits
fi = 70 MHz
-
11.5
-
-
11.5
-
-
11.4
-
-
11.4
-
bits
fi = 170 MHz
-
11.4
--
11.4
--
11.3
-
-
11.3
-
bits
SNR
signal-to-noise ratio
fi = 3 MHz
-
72.1
-
-
72.0
-
-
71.8
-
-
71.4
-
dBFS
fi = 30 MHz
-
71.3
-
-
71.2
-
-
71.2
-
-
71.1
-
dBFS
fi = 70 MHz
-
70.7
-
-
70.7
-
-
70.6
-
-
70.5
-
dBFS
fi = 170 MHz
-
70.2
-
-
70.1
-
-
70.0
-
-
69.9
-
dBFS
SFDR
spurious-free dynamic
range
fi = 3 MHz
-
86
-
-
86
-
-
85
-
-
87
-
dBc
fi = 30 MHz
-85-
-85-
-85-
-
86
-
dBc
fi = 70 MHz
-84-
-84-
-83-
-
84
-
dBc
fi = 170 MHz
-
81
-
-
81
-
-
80
-
-
82
-
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com