Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1413D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # ADC1413D
Description  Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1413D Datasheet(HTML) 1 Page - NXP Semiconductors

  ADC1413D Datasheet HTML 1Page - NXP Semiconductors ADC1413D Datasheet HTML 2Page - NXP Semiconductors ADC1413D Datasheet HTML 3Page - NXP Semiconductors ADC1413D Datasheet HTML 4Page - NXP Semiconductors ADC1413D Datasheet HTML 5Page - NXP Semiconductors ADC1413D Datasheet HTML 6Page - NXP Semiconductors ADC1413D Datasheet HTML 7Page - NXP Semiconductors ADC1413D Datasheet HTML 8Page - NXP Semiconductors ADC1413D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1.
General description
The ADC1413D is a dual-channel 14-bit Analog-to-Digital Converter (ADC) optimized for
high dynamic performance and low power at sample rates up to 125 Msps. Pipelined
architecture and output error correction ensure the ADC1413D is accurate enough to
guarantee zero missing codes over the entire operating range. Supplied from a 3 V source
for analog and a 1.8 V source for the output driver, it embeds two serial outputs. Each lane
is differential and complies with the JESD204A standard. An integrated Serial Peripheral
Interface (SPI) allows the user to easily configure the ADCs. A set of IC configurations is
also available via the binary level control pins taken, which are used at power-up. The
device also includes a programmable full-scale SPI to allow a flexible input voltage range
of 1 V to 2 V (peak-to-peak).
Excellent dynamic performance is maintained from the baseband to input frequencies of
170 MHz or more, making the ADC1413D ideal for use in communications, imaging, and
medical applications.
2.
Features and benefits
ADC1413D series
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;
serial JESD204A interface
Rev. 5 — 9 February 2011
Product data sheet
SNR, 72 dBFS; SFDR, 86 dBc
Input bandwidth, 600 MHz
Sample rate up to 125 Msps
Power dissipation, 995 mW at 80 Msps
Clock input divided by 2 for less jitter
contribution
SPI register programming
3 V, 1.8 V power supplies
Duty cycle stabilizer (DCS)
Flexible input voltage range: 1 V (p-p)
to 2 V (p-p)
High IF capability
Two configurable serial outputs
Offset binary, two’s complement, gray
code
Compliant with JESD204A serial
transmission standard
Power-down mode and Sleep mode
Pin compatible with the
ADC1613D series, ADC1213D series,
and ADC1113D125
HVQFN56 package


Similar Part No. - ADC1413D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
ADC1413D PHILIPS-ADC1413D Datasheet
727Kb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
logo
Integrated Device Techn...
ADC1413D IDT-ADC1413D Datasheet
665Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1413D065 NXP-ADC1413D065 Datasheet
216Kb / 38P
Dual 14 bits ADC; 65, 80, 105 or 125 Msps; serial JESD204A interface
Rev. 02-4 June 2009
More results

Similar Description - ADC1413D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
logo
Integrated Device Techn...
ADC1413D IDT-ADC1413D Datasheet
665Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com