Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC651306A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC651306A
Description  4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651306A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC651306A Datasheet HTML 1Page - Sanyo Semicon Device LC651306A Datasheet HTML 2Page - Sanyo Semicon Device LC651306A Datasheet HTML 3Page - Sanyo Semicon Device LC651306A Datasheet HTML 4Page - Sanyo Semicon Device LC651306A Datasheet HTML 5Page - Sanyo Semicon Device LC651306A Datasheet HTML 6Page - Sanyo Semicon Device LC651306A Datasheet HTML 7Page - Sanyo Semicon Device LC651306A Datasheet HTML 8Page - Sanyo Semicon Device LC651306A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LC65F1306A
No.6829-2/22
7) Flexible I/O port
• Number of ports : 5 ports / 18 pins (max.)
• All ports
: Input / output common
Input / output capacity voltage
15V max. (open-drain specification C and D only)
Output current
20 mA max. sink current (Can drive an LED directly)
• Support option for system specification
Output level in the reset mode
: high/low level for port C and D specified in 4-bit unit
8) Interrupt function
Interrupt by timer overflow (can be tested under program control)
Interrupt by the state of the INT pin or completion of transmission/reception at serial I/O port (can be tested under
program control)
9) Stack level :
8 levels (common use with interrupt)
10) Timer :
4-bit variable prescaler + 8-bit programmable counter
11) Clock oscillation options for user’s intended system
• Oscillator circuit options : two-pin RC oscillator
two-pin ceramic oscillator
• Divider circuit options :
No divider
built-in divide by 3
built-in divide by 4
12) Continuous square wave output (64 times of the cycle time)
13) AD converter (successive approximation)
• Precise conversion (expressed in 8 bits), 8 input channels
14) Watchdog timer
• RC circuit time constant
• Watchdog timer reset function can be assigned to an external pin by the option.
15) Low voltage detection circuit
• Can be implemented by the option.
16) Factory shipment
• DIP24S, MFP24S
17) Flash Memory
• Rewrite block size :
128 bytes / page
• Erase / write voltage :
3.0 to 5.5V
• Rewritable limit :
10000 times (target number, to be decided after evaluation)
• Operating temperature :
0 to +85
°C (when writing to the flash memory)
-20 to +85
°C (when reading from the flash memory)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com