Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC651306A Datasheet(PDF) 22 Page - Sanyo Semicon Device

Part # LC651306A
Description  4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651306A Datasheet(HTML) 22 Page - Sanyo Semicon Device

Back Button LC651306A Datasheet HTML 14Page - Sanyo Semicon Device LC651306A Datasheet HTML 15Page - Sanyo Semicon Device LC651306A Datasheet HTML 16Page - Sanyo Semicon Device LC651306A Datasheet HTML 17Page - Sanyo Semicon Device LC651306A Datasheet HTML 18Page - Sanyo Semicon Device LC651306A Datasheet HTML 19Page - Sanyo Semicon Device LC651306A Datasheet HTML 20Page - Sanyo Semicon Device LC651306A Datasheet HTML 21Page - Sanyo Semicon Device LC651306A Datasheet HTML 22Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LC65F1306A
No.6829-22/22
[Supplement]
In addition to the techniques for designing a circuit board, the following options and programming are effective to
prevent and avoid the defects (the malfunction or a runaway program).
• If signals are input from external sources when the microcontroller power supply is unstable, select the higher
capacity voltage (N-channel open drain) output type for the input pin, and add a damping resistor close to the
pin.
• When the external signals are input to pins, the chattering of the key must be removed.
• The data should be output periodically from the pins using the output instruction (OP or SPB).
• To read the data input to the I/O common pins, the output value should be set to ‘1’ using the output instruction
(OP or SPB).
7. Unused Pins
• See the user’s manual for each microcontrollers or the final edition of the specification sheet.
PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com