Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC651306A Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC651306A
Description  4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651306A Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC651306A Datasheet HTML 14Page - Sanyo Semicon Device LC651306A Datasheet HTML 15Page - Sanyo Semicon Device LC651306A Datasheet HTML 16Page - Sanyo Semicon Device LC651306A Datasheet HTML 17Page - Sanyo Semicon Device LC651306A Datasheet HTML 18Page - Sanyo Semicon Device LC651306A Datasheet HTML 19Page - Sanyo Semicon Device LC651306A Datasheet HTML 20Page - Sanyo Semicon Device LC651306A Datasheet HTML 21Page - Sanyo Semicon Device LC651306A Datasheet HTML 22Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
LC65F1306A
No.6829-21/22
• Other note on all oscillator circuit:
• Place the lines for signals that can easily change suddenly, high amplitude signals connected to the higher capacity voltage
(+15 V) ports, and powerful current supplies as far as possible from the oscillation circuit, and do not cross these lines
with lines concerned to the clock.
3. RES : Reset Pin
• The length of line (Lres) between the RES pin and the external circuit should be as short as possible.
• The length of lines (L1 and L2) between the RES pin and the capacitor (Cres), and the VSS and the capacitor should
be as short as possible.
4. TEST : Test Pin
• The length of line (L) between the VSS and the TEST pin should be as short as possible.
• The TEST pin and the VSS pin should be connected as close as possible to the VSS pin.
5. AD0 to AD7 : Analog Input Pins
The connection for the analog input pins, such as A/D converter input pins and comparator input pin, should meet the
following conditions.
• The length of the line (L1) between the damping resistor (R1) and each analog pins should be as short as possible.
• The capacitor added between each analog pins and AV- pin (base voltage input pin for A/D converter) should be located
as close as possible to the AV- input pin.
6. I/O Pins
All I/O pins on these microcontrollers have function of both input and output.
• When used as an input pin, add a damping resistor and keep the length of the line to that pin as short as possible.
Cres
VSS
Lres
L1
L2
External
Circuit
Figure 3. RES Pin Patterns
RES
VSS
Figure 4. Test Pin Patterns
TEST
Analog
Input Pins
External circuit
(sensor block)
Figure 5. Analog Input Pins Patterns
Rl
L1
VSS
C
AV-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com