Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640KCNFB Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F3640KCNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640KCNFB Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F3640KCNFB Datasheet HTML 45Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 46Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 47Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 48Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 49Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 50Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 51Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 52Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 49 of 88
Feb 07, 2011
M16C/64C Group
5. Electrical Characteristics
Note:
1.
Waiting time until the internal power supply generator stabilizes when power is on.
Figure 5.4
Power Supply Circuit Timing Diagram
Table 5.15
Power Supply Circuit Timing Characteristics
The measurement condition is VCC1 = 2.7 to 5.5 V and Topr = 25°C, unless otherwise specified.
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
td(P-R)
Internal power supply stability time when power is on (1)
5ms
td(R-S)
STOP release time
150
μs
td(W-S)
Low power mode wait mode release time
150
μs
CPU clock
td(P-R)
Internal power supply stability
time when power is on
Interrupt for
(a) Stop mode release
or
(b) Wait mode release
CPU clock
(a)
(b)
td(R-S)
STOP release time
td(W-S)
Low power mode
wait mode release time
VC25, VC26, VC27
td(E-A)
Voltage detector
operation start time
Stop
Operate
Recommended
operation voltage
Voltage detector
VCC1
td(P-R)
td(R-S)
td(W-S)
td(E-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com