Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640KCNFB Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R5F3640KCNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640KCNFB Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R5F3640KCNFB Datasheet HTML 28Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 29Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 30Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 31Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 32Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 33Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 34Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 35Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 32 of 88
Feb 07, 2011
M16C/64C Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.13
SFR Information (13) (1)
Address
Register
Symbol
Reset Value
0330h
Timer B0 Register
TB0
XXh
0331h
XXh
0332h
Timer B1 Register
TB1
XXh
0333h
XXh
0334h
Timer B2 Register
TB2
XXh
0335h
XXh
0336h
Timer A0 Mode Register
TA0MR
00h
0337h
Timer A1 Mode Register
TA1MR
00h
0338h
Timer A2 Mode Register
TA2MR
00h
0339h
Timer A3 Mode Register
TA3MR
00h
033Ah
Timer A4 Mode Register
TA4MR
00h
033Bh
Timer B0 Mode Register
TB0MR
00XX 0000b
033Ch
Timer B1 Mode Register
TB1MR
00XX 0000b
033Dh
Timer B2 Mode Register
TB2MR
00XX 0000b
033Eh
Timer B2 Special Mode Register
TB2SC
X000 0000b
033Fh
0340h
Real-Time Clock Second Data Register
RTCSEC
00h
0341h
Real-Time Clock Minute Data Register
RTCMIN
X000 0000b
0342h
Real-Time Clock Hour Data Register
RTCHR
XX00 0000b
0343h
Real-Time Clock Day Data Register
RTCWK
XXXX X000b
0344h
Real-Time Clock Control Register 1
RTCCR1
0000 X00Xb
0345h
Real-Time Clock Control Register 2
RTCCR2
X000 0000b
0346h
Real-Time Clock Count Source Select Register
RTCCSR
XXX0 0000b
0347h
0348h
Real-Time Clock Second Compare Data Register
RTCCSEC
X000 0000b
0349h
Real-Time Clock Minute Compare Data Register
RTCCMIN
X000 0000b
034Ah
Real-Time Clock Hour Compare Data Register
RTCCHR
X000 0000b
034Bh
034Ch
034Dh
034Eh
034Fh
0350h
CEC Function Control Register 1
CECC1
XXXX X000b
0351h
CEC Function Control Register 2
CECC2
00h
0352h
CEC Function Control Register 3
CECC3
XXXX 0000b
0353h
CEC Function Control Register 4
CECC4
00h
0354h
CEC Flag Register
CECFLG
00h
0355h
CEC Interrupt Source Select Register
CISEL
00h
0356h
CEC Transmit Buffer Register 1
CCTB1
00h
0357h
CEC Transmit Buffer Register 2
CCTB2
XXXX XX00b
0358h
CEC Receive Buffer Register 1
CCRB1
00h
0359h
CEC Receive Buffer Register 2
CCRB2
XXXX X000b
035Ah
CEC Receive Follower Address Set Register 1
CRADRI1
00h
035Bh
CEC Receive Follower Address Set Register 2
CRADRI2
00h
035Ch
035Dh
035Eh
035Fh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com