Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640KCNFB Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F3640KCNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640KCNFB Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F3640KCNFB Datasheet HTML 17Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 18Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 19Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 20Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 21Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 22Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 23Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 24Page - Renesas Technology Corp R5F3640KCNFB Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 21 of 88
Feb 07, 2011
M16C/64C Group
4. Special Function Registers (SFRs)
Notes:
1.
The blank areas are reserved. No access is allowed.
2.
This is the reset value after hardware reset. Refer to the explanation of each register for details.
Table 4.2
SFR Information (2) (1)
Address
Register
Symbol
Reset Value
0020h
0021h
0022h
0023h
0024h
0025h
0026h
Voltage Monitor Function Select Register
VWCE
00h
0027h
0028h
Voltage Detector 1 Level Select Register
VD1LS
0000 1010b(2)
0029h
002Ah
Voltage Monitor 0 Control Register
VW0C
1000 XX10b (2)
002Bh
Voltage Monitor 1 Control Register
VW1C
1000 1010b (2)
002Ch
Voltage Monitor 2 Control Register
VW2C
1000 0X10b (2)
002Dh
002Eh
002Fh
0030h
0031h
0032h
0033h
0034h
0035h
0036h
0037h
0038h
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com