Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MCDFB Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R5F3640MCDFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MCDFB Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R5F3640MCDFB Datasheet HTML 36Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 37Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 38Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 39Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 40Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 41Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 42Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 43Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 40 of 88
Feb 07, 2011
M16C/64C Group
5. Electrical Characteristics
5.
Electrical Characteristics
5.1
Electrical Characteristics (Common to 3 V and 5 V)
5.1.1
Absolute Maximum Rating
Note:
1.
Maximum value is 6.5 V.
Table 5.1
Absolute Maximum Ratings
Symbol
Parameter
Condition
Rated Value
Unit
VCC1
Supply voltage
VCC1 = AVCC
−0.3 to 6.5
V
VCC2
Supply voltage
VCC1 = AVCC
−0.3 to V
CC1 + 0.1
(1)
V
AVCC
Analog supply voltage
VCC1 = AVCC
−0.3 to 6.5
V
VREF
Analog reference voltage
VCC1 = AVCC
−0.3 to V
CC1 + 0.1
(1)
V
VI
Input voltage
RESET, CNVSS, BYTE,
P6_0 to P6_7, P7_2 to P7_7,
P8_0 to P8_4, P8_6, P8_7,
P9_0 to P9_7, P10_0 to P10_7
XIN
−0.3 to V
CC1 + 0.3
(1)
V
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7
−0.3 to V
CC2 + 0.3
(1)
V
P7_0, P7_1, P8_5
−0.3 to 6.5
V
VO
Output voltage P6_0 to P6_7, P7_2 to P7_7,
P8_0 to P8_4, P8_6, P8_7,
P9_0 to P9_7, P10_0 to P10_7
XOUT
−0.3 to V
CC1 + 0.3
(1)
V
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7
−0.3 to V
CC2 + 0.3
(1)
V
P7_0, P7_1, P8_5
−0.3 to 6.5
V
Pd
Power consumption
−40°C < T
opr ≤ 85°C
300
mW
Topr
Operating
temperature
When the MCU is operating
−20 to 85/−40 to 85
°C
Flash program erase
Program area
0 to 60
Data area
−20 to 85/−40 to 85
Tstg
Storage temperature
−65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com