Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MCDFB Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # R5F3640MCDFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MCDFB Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button R5F3640MCDFB Datasheet HTML 40Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 41Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 42Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 43Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 44Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 45Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 46Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 47Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 44 of 88
Feb 07, 2011
M16C/64C Group
5. Electrical Characteristics
Notes:
1.
Use when AVCC = VCC1.
2.
When VCC1 ≥ VCC2, set as below:
Analog input voltage (AN0 to AN7, ANEX0, and ANEX1)
≤ V
CC1
Analog input voltage (AN0_0 to AN0_7 and AN2_0 to AN2_7)
≤ V
CC2.
3.
When analog input voltage is over reference voltage, the result of A/D conversion is 3FFh.
4.
Flash memory rewrite disabled. Except for the analog input pin, set the pins to be measured as input ports and
connect them to VSS. See Figure 5.2 “A/D Accuracy Measure Circuit”.
5.1.4
D/A Conversion Characteristics
Notes:
1.
This applies when using one D/A converter, with the D/A register for the unused D/A converter set to 00h.
2.
The current consumption of the A/D converter is not included. Also, the IVREF of the D/A converter will flow even
if the ADSTBY bit in the ADCON1 register is 0 (A/D operation stopped (standby)).
Table 5.6
A/D Conversion Characteristics (2/2) (1)
VCC1 = AVCC = 3.0 to 5.5 V ≥ VCC2 ≥ VREF, VSS = AVSS = 0 V at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise
specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
φAD
A/D operating clock
frequency
AN0 to AN7 input,
ANEX0 to ANEX1
input
4.0 V
≤ V
CC1 ≤ 5.5 V
2
25
MHz
3.2 V
≤ V
CC1 ≤ 4.0 V
2
16
MHz
3.0 V
≤ V
CC1 ≤ 3.2 V
2
10
MHz
AN0_0 to AN0_7
input, AN2_0 to
AN2_7 input
4.0 V
≤ V
CC2 ≤ 5.5 V
2
25
MHz
3.2 V
≤ V
CC2 ≤ 4.0 V
2
16
MHz
3.0 V
≤ V
CC2 ≤ 3.2 V
2
10
MHz
-
Tolerance level impedance
3
k
Ω
DNL
Differential non-linearity error
(4)
±1
LSB
-
Offset error
(4)
±3
LSB
-
Gain error
(4)
±3
LSB
tCONV
10-bit conversion time
VCC1 = 5 V, φAD = 25 MHz
1.60
μs
tSAMP
Sampling time
0.60
μs
VREF
Reference voltage
3.0
VCC1
V
VIA
Analog input voltage (2), (3)
0VREF
V
Table 5.7
D/A Conversion Characteristics
VCC1 = AVCC = VREF = 3.0 to 5.5 V, VSS = AVSS = 0 V at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
-
Resolution
8Bits
-
Absolute Accuracy
2.5
LSB
tSU
Setup Time
3
μs
RO
Output Resistance
56
8.2
k
Ω
IVREF
Reference Power Supply Input Current
See Notes 1 and 2
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com