Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MCDFB Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # R5F3640MCDFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MCDFB Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button R5F3640MCDFB Datasheet HTML 39Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 40Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 41Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 42Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 43Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 44Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 45Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 46Page - Renesas Technology Corp R5F3640MCDFB Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 43 of 88
Feb 07, 2011
M16C/64C Group
5. Electrical Characteristics
5.1.3
A/D Conversion Characteristics
Notes:
1.
Use when AVCC = VCC1.
2.
Flash memory rewrite disabled. Except for the analog input pin, set the pins to be measured as input ports and
connect them to VSS. See Figure 5.2 “A/D Accuracy Measure Circuit”.
Figure 5.2
A/D Accuracy Measure Circuit
Table 5.5
A/D Conversion Characteristics (1/2) (1)
VCC1 = AVCC = 3.0 to 5.5 V ≥ VCC2 ≥ VREF, VSS = AVSS = 0 V at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise
specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
-
Resolution
AVCC = VCC1 ≥ VCC2 ≥ VREF
10
Bits
INL
Integral non-linearity error 10bit
VCC1 =
5.0 V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
(Note 2)
±3
LSB
VCC1 =
3.3 V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
(Note 2)
±3
LSB
VCC1 =
3.0 V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
(Note 2)
±3
LSB
-
Absolute accuracy
10bit
VCC1 =
5.0 V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
(Note 2)
±3
LSB
VCC1 =
3.3 V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
(Note 2)
±3
LSB
VCC1 =
3.0 V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
(Note 2)
±3
LSB
AN
Analog input
AN: One of the analog input pin
P0 to P10: I/O pins other than AN
P0 to P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com