Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC22600 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MIC22600
Description  1MHz, 6A Integrated Switch Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22600 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MIC22600_09 Datasheet HTML 13Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 14Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 15Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 16Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 17Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 18Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 19Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 20Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Micrel, Inc.
MIC22600
October 2009
17
M9999-102809-C
•
RθJA is a combination of junction to case thermal
resistance (RθJC) and Case-to-Ambient thermal
resistance (RθCA), since thermal resistance of
the solder connection from the ePAD to the PCB
is negligible; RθCA is the thermal resistance of
the ground plane to ambient, so RθJA = RθJC +
RθCA.
•
TAMB is the Operating Ambient temperature.
Example:
The Evaluation board has 2 copper planes contributing
to an RθJA of approximately 25°C/W. The worst case
RθJC of the MLF 4x4 is 14
oC/W.
R
θ
JA = RθJC + RθCA
R
θ
JA = 14 + 25 = 39
oC/W
To calculate the junction temperature for a 50°C
ambient:
TJ = TAMB+PDISS . RθJA
TJ = 50 + (1.5 x 39)
TJ = 109°C
This is below the maximum of 125°C.
VIN
VOUT
@6A
3
3.5
4
4.5
5
1
1.47
1.50
1.52
1.54
1.56
1.2
1.45
1.47
1.49
1.51
1.54
1.8
1.46
1.45
1.45
1.47
1.48
2.5
1.61
1.53
1.49
1.47
1.47
3.3
–
1.70
1.62
1.56
1.53
Table 2. Power Dissipation (W) for 6A output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com