Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC22600 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MIC22600
Description  1MHz, 6A Integrated Switch Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22600 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MIC22600_09 Datasheet HTML 14Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 15Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 16Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 17Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 18Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 19Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 20Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 21Page - Micrel Semiconductor MIC22600_09 Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Micrel, Inc.
MIC22600
October 2009
18
M9999-102809-C
Ripple Measurements
To properly measure ripple on either input or output of a
switching regulator, a proper ring in tip measurement is
required. Standard oscilloscope probes come with a
grounding clip, or a long wire with an alligator clip.
Unfortunately, for high frequency measurements, this
ground clip can pick-up high frequency noise and
erroneously inject it into the measured output ripple.
The standard evaluation board accommodates a home
made version by providing probe points for both the
input and output supplies and their respective grounds.
This requires the removing of the oscilloscope probe
sheath and ground clip from a standard oscilloscope
probe and wrapping a non-shielded bus wire around the
oscilloscope probe. If there does not happen to be any
non-shielded bus wire immediately available, the leads
from axial resistors will work.
By maintaining the
shortest possible ground lengths on the oscilloscope
probe, true ripple measurements can be obtained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com