Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1601 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXLD1601
Description  ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1601 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZXLD1601 Datasheet HTML 4Page - Diodes Incorporated ZXLD1601 Datasheet HTML 5Page - Diodes Incorporated ZXLD1601 Datasheet HTML 6Page - Diodes Incorporated ZXLD1601 Datasheet HTML 7Page - Diodes Incorporated ZXLD1601 Datasheet HTML 8Page - Diodes Incorporated ZXLD1601 Datasheet HTML 9Page - Diodes Incorporated ZXLD1601 Datasheet HTML 10Page - Diodes Incorporated ZXLD1601 Datasheet HTML 11Page - Diodes Incorporated ZXLD1601 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
APPLICATIONS
Setting output voltage
When connected as shown in the typical application
circuit, the ZXLD1601 will produce a nominal default
output of between 26V and 28V. This is set by the
internal potential divider comprising of resistors R1
and R2. (See device block diagram).
The internal potential divider network R1/R2 is
accessible at the FB pin and can be shunted by means
of external resistors to set different nominal output
voltages. The potential divider defines output voltage
according to the relationship:
VV
R
R
OUT
FB
=+
⎛
⎝
⎜
⎞
⎠
⎟
1
2
1
where VFB = 1.025V.
When using external resistors, these should be chosen
with lower values than the internal resistors to
minimize errors caused by the device to device
variation in absolute value of the internal resistors
(
±30% max). The internal resistors have high values in
order to minimize these errors.
The following table gives suggested values for various
output voltages.
Once the nominal output voltage has been set, it can be
adjusted to a lower value by applying a pulse width
modulated (PWM) control signal to the EN pin, using
one of the two methods described below.
PWM adjustment permits the device to be turned on
and the output voltage set by a single logic signal
applied to the EN pin. No external resistors are
required and the amplitude of the control signal is not
critical, providing it conforms to the limits defined in
the electrical characteristics.
1) PWM output voltage adjustment (analogue mode)
During this mode of operation the device operation is
continuous, providing a low ripple output voltage
(VOUT) directly proportional to the duty cycle (D) of the
logic signal applied to the EN pin according to the
relationship:
VOUT = D x VOUT(nom)
Square wave signals applied to the EN pin, for
example, will turn the device on and produce a nominal
regulated output of 13.5V.
The ZXLD1601 contains a timing circuit that switches
the device on a few microseconds after the application
of a rising edge to EN and turns it back off again
nominally 120
µs after the falling edge of EN. For
continuous PWM mode operation, the frequency of the
control signal must therefore be maintained above
10kHz at all times, to prevent the internal delay circuit
from timing out and switching the device into standby
mode. The maximum frequency applied to EN should
be limited to 100kHz to minimize errors due to internal
switching delays
2) PWM output voltage adjustment (gated mode)
This method of adjustment can be used in applications
where the output ripple is less important than the
supply current. The method of adjustment is the same
as in 1) above, however, during this mode of operation,
the device is gated on and off, providing an average
output voltage (VOUT) directly proportional to the duty
cycle (D) of the logic signal applied to the EN pin
according to the relationship:
VOUT(AVG) = D x VOUT(nom)
The ripple on this voltage will be determined by the size
of the output capacitor.
The output voltage can be adjusted all the way down to
the input voltage by either method of PWM control, but
for best results, the duty cycle range should be kept
within the specified range. Lower duty cycles will result
in increased output ripple and non-linearity in the
relationship between duty cycle and output voltage. If a
greater control range is required, the nominal output
can be reduced by the use of external resistors before
the PWM signal is applied.
Minimizing output voltage ripple
For applications requiring lower output ripple it may be
necessary to add a small ceramic capacitor in parallel
with R2. A value of 4.7pF is suitable for most output
ranges.
ZXLD1601
SEMICO NDUC TORS
ISSUE 3 - AUGUST 2004
8
Required
output voltage
External
resistor across
R1
External resistor
across R2
5V
43K
130K
12V
56K
487K
18V
43K
649K
21V
34.8K
649K
25V
27K
620K
28V
40.2K
1.07M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com