Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1601 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXLD1601
Description  ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1601 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXLD1601 Datasheet HTML 1Page - Diodes Incorporated ZXLD1601 Datasheet HTML 2Page - Diodes Incorporated ZXLD1601 Datasheet HTML 3Page - Diodes Incorporated ZXLD1601 Datasheet HTML 4Page - Diodes Incorporated ZXLD1601 Datasheet HTML 5Page - Diodes Incorporated ZXLD1601 Datasheet HTML 6Page - Diodes Incorporated ZXLD1601 Datasheet HTML 7Page - Diodes Incorporated ZXLD1601 Datasheet HTML 8Page - Diodes Incorporated ZXLD1601 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ZXLD1601
SEMICO NDUC TORS
ISSUE 3 - AUGUST 2004
3
Symbol Parameter
Conditions
Min
Typ
Max
Units
T/T
PWM duty cycle range at
‘EN’ input for dc output
voltage control
10kHz<f< 100kHz, VENH =VIN
20
100
%
fLPF
Internal PWM low pass filter
cut-off frequency
4
kHz
ALPF
Filter attenuation
f=30kHz
52.5
dB
T/T
(4)
PWM duty cycle range at
‘EN’ input for ‘gated’ output
voltage control
f < 1kHz, VENH =VIN
0
100
%
ELECTRICAL CHARACTERISTICS (Cont.): (Test conditions: VIN=VEN=3V, TAMB=25°C unless otherwise stated
(1)
)
NOTES:
4 The maximum PWM signal frequency during this mode of operation should be kept as low as possible to minimize errors due to the turn-off
delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com