| Electronic Components Datasheet Search |
|
ZXLD1601 Datasheet(PDF) 9 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
ZXLD1601 Datasheet(HTML) 9 Page - Diodes Incorporated |
|
9 / 12 page ![]() Capacitor selection A ceramic capacitor grounded close to the GND pin of the package is recommended at the output of the device. Surface mount types offer the best performance due to their lower inductance. A minimum value of 0.22 µF is advised, although higher values will lower switching frequency and improve efficiency especially at lower load currents. A higher value will also minimize ripple when using the device to provide an adjustable dc output current. A good quality, low ESR capacitor should also be used for input decoupling, as the ESR of this capacitor is effectively in series with the source impedance and lowers overall efficiency. This capacitor has to supply the relatively high peak current to the coil and smooth the current ripple on the input supply. A minimum value of 4.7 µF is acceptable if the input source is close to the device, but higher values will improve performance at lower input voltages, when the source impedance is high. The input capacitor should be mounted as close as possible to the IC Inductor selection The choice of inductor will depend on available board space as well as required performance. Small value inductors have the advantage of smaller physical size and may offer lower series resistance and higher saturation current compared to larger values. A disadvantage of lower inductor values is that they result in higher frequency switching, which in turn causes reduced efficiency due to switch losses. Higher inductor values can provide better performance at lower supply voltages. However, if the inductance is too high, the output power will be limited by the internal oscillator, which will prevent the coil current from reaching its peak value. This condition will arise whenever the ramp time (ILX(peak) x L/VIN) exceeds the nominal 5 µs maximum ‘on’ time limit for the LX output. Part No. L ( H) DCR ( ) ISAT (A) Manufacturer CMD4D11-100MC 10 0.457 0.5 Sumida www.sumida.com DO1608-103 10 0.16 1.1 Coilcraft www.coilcraft.com LQH31CN100 10 1.3 0.23 Murata www.murata.com LB2012Y100MR 10 0.5 0.1 Taiyo Yuden www.t-yuden.com For maximum stability over temperature, capacitors with X7R dielectric are recommended, as these have a much smaller temperature coefficient than other types. A table of recommended manufacturers is provided below: Manufacturer Website Murata www.murata.com Taiyo Yuden www.t-yuden.com Kemet www.kement.com AVX www.avxcorp.com Recommended inductor values for the ZXLD1601 are in the range 6.8 µHto22µH. The inductor should be mounted as close to the device as possible with low resistance connections to the LX and VIN pins. Suitable coils for use with the ZXLD1601 are shown in the table below: ZXLD1601 SEMICO NDUC TORS ISSUE 3 - AUGUST 2004 9 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |