Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72P366 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC72P366
Description  On-Chip One-Time Programmable PROM Single-Chip PLL Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72P366 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC72P366 Datasheet HTML 1Page - Sanyo Semicon Device LC72P366 Datasheet HTML 2Page - Sanyo Semicon Device LC72P366 Datasheet HTML 3Page - Sanyo Semicon Device LC72P366 Datasheet HTML 4Page - Sanyo Semicon Device LC72P366 Datasheet HTML 5Page - Sanyo Semicon Device LC72P366 Datasheet HTML 6Page - Sanyo Semicon Device LC72P366 Datasheet HTML 7Page - Sanyo Semicon Device LC72P366 Datasheet HTML 8Page - Sanyo Semicon Device LC72P366 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
No. 5544-4/14
LC72P366
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to +6.5
V
Input voltage
VIN
All input pins
–0.3 to VDD +0.3
V
Output voltage
VOUT(1)
Port J
–0.3 to +15
V
VOUT(2)
All output ports other than VOUT(1)
–0.3 to VDD +0.3
V
IOUT(1)
Port J
0 to +5
mA
Output current
IOUT(2)
Ports D, E, F, G, K, L, M, N, O, P, and Q, EO1, EO2, EO3, SUBPD
0 to +3
mA
IOUT(3)
Ports B and C
0 to +1
mA
Allowable power dissipation
Pd max
Ta = –30 to +70˚C
400
mW
Operating temperature
Topr
–30 to +70
˚C
Storage temperature
Tstg
–45 to +125
˚C
Specifications
Absolute Maximum Ratings at Ta = 25˚C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VDD(1)
CPU and PLL circuit operating
4.5
5.0
5.5
V
Supply voltage
VDD(2)
CPU operating
4.0
5.5
V
VDD(3)
Memory retention voltage
1.3
5.5
V
VIH(1)
Ports E, H, I, L, M, and Q, HCTR,
0.7 VDD
VDD
V
LCTR (when selected for input)
Input high-level voltage
VIH(2)
Ports F, G, and K,
0.8 VDD
VDD
V
LCTR (in period measurement mode), HOLD
VIH(3)
SNS
2.5
VDD
V
VIH(4)
Port A
0.6 VDD
VDD
V
VIL(1)
Ports E, H, I, L, M, and Q, HCTR,
0
0.3 VDD
V
LCTR (when selected for input)
Input low-level voltage
VIL(2)
Ports A, F, G, and K,
0
0.2 VDD
V
LCTR (in period measurement mode)
VIL(3)
SNS
0
1.3
V
VIL(4)
HOLD
0
0.4 VDD
V
fIN(1)
XIN
4.0
4.5
5.0
MHz
fIN(2)
FMIN : VIN(2), VDD(1)
10
150
MHz
fIN(3)
FMIN : VIN(3), VDD(1)
10
130
MHz
fIN(4)
AMIN(H) : VIN(3), VDD(1)
2.0
40
MHz
Input frequency
fIN(5)
AMIN(L) : VIN(3), VDD(1)
0.5
10
MHz
fIN(6)
HCTR : VIN(3), VDD(1)
0.4
12
MHz
fIN(7)
LCTR : VIN(3), VDD(1)
100
500
kHz
fIN(8)
LCTR (in period measurement mode):
1
20
× 103
Hz
VIH(2), VIL(2), VDD(1)
VIN(1)
XIN
0.5
1.5
Vrms
Input amplitude
VIN(2)
FMIN
0.10
1.5
Vrms
VIN(3)
FMIN, AMIN, HCTR, LCTR
0.07
1.5
Vrms
Input voltage range
VIN(4)
ADI0 to ADI5
0
VDD
V
Allowable Operating Ranges at Ta = –30 to +70˚C, VDD = 3.5 to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com