Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72P366 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC72P366
Description  On-Chip One-Time Programmable PROM Single-Chip PLL Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72P366 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC72P366 Datasheet HTML 3Page - Sanyo Semicon Device LC72P366 Datasheet HTML 4Page - Sanyo Semicon Device LC72P366 Datasheet HTML 5Page - Sanyo Semicon Device LC72P366 Datasheet HTML 6Page - Sanyo Semicon Device LC72P366 Datasheet HTML 7Page - Sanyo Semicon Device LC72P366 Datasheet HTML 8Page - Sanyo Semicon Device LC72P366 Datasheet HTML 9Page - Sanyo Semicon Device LC72P366 Datasheet HTML 10Page - Sanyo Semicon Device LC72P366 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
No. 5544-7/14
LC72P366
Continued from preceding page.
Continued on next page.
Pin No.
Symbol
I/O
I/O type
Function
76
73
31
75
74
72
71
VSS
VDD
VDD
FMIN
AMIN
SUBPD
EO3
—
I
I
O
O
—
Input
Input
CMOS tristate
CMOS tristate
Power supply connections
FM VCO (local oscillator) input
This pin is selected by the PLL instruction CW1 (b1, b0 are ignored).
Capacitor coupling must be used for signal input.
Input is disabled when the HOLD pin is set low in the hold enable state.
Input is disabled in clock stop mode, during the power-on reset, and in the PLL stop state.
AM VCO (local oscillator) input
This pin is selected and the band set by the PLL instruction CW1 (b1, b0).
Capacitor coupling must be used for signal input.
Input is disabled when the HOLD pin is set low in the hold enable state.
Input is disabled in clock stop mode, during the power-on reset, and in the PLL stop state.
Sub-charge pump output
This pin, in combination with the main charge pump, allows the construction of a high-
speed locking circuit.
The DZC instruction controls the sub-charge pump.
This pin goes to the high-impedance state when the HOLD pin is set low in the hold enable
state.
This pin goes to the high-impedance state in clock stop mode, during the power-on reset,
and in the PLL stop state.
Second PLL charge pump output
This pin outputs a low level when the frequency generated by dividing the local oscillator
signal frequency by N is higher than the reference frequency, and a high level when that
frequency is lower.
This pin goes to the high-impedance state when the frequencies match. (Note that this
pin’s output logic is the opposite of that of the EO1 and EO2 pins.)
This pin goes to the high-impedance state when the HOLD pin is set low in the hold enable
state.
This pin goes to the high-impedance state in clock stop mode, during the power-on reset,
and in the PLL stop state.
b1
b0
Band
1
0
2 to 40 MHz (SW)
1
1
0.5 to 10 MHz (MW, LW)
b3
b2
Operation
0
0
High impedance
0
1
Only operates in the unlocked state (450 kHz)
1
0
Only operates in the unlocked state (900 kHz)
1
1
Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com