Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC197 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC197
Description  3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC197 Datasheet(HTML) 4 Page - Semtech Corporation

  SC197 Datasheet HTML 1Page - Semtech Corporation SC197 Datasheet HTML 2Page - Semtech Corporation SC197 Datasheet HTML 3Page - Semtech Corporation SC197 Datasheet HTML 4Page - Semtech Corporation SC197 Datasheet HTML 5Page - Semtech Corporation SC197 Datasheet HTML 6Page - Semtech Corporation SC197 Datasheet HTML 7Page - Semtech Corporation SC197 Datasheet HTML 8Page - Semtech Corporation SC197 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SC197
4
Parameter
Symbol(1)
Condition
Min
Typ
Max
Units
Switching Frequency
f
SW
2.8
3.5
4.2
MHz
Soft-Start
t
SS
V
OUT = 90% of final value
100
500
µs
Thermal Shutdown
T
OT
Rising temperature
160
°C
Thermal Shutdown Hysteresis
T
HYST
20
°C
Logic Inputs - CTL0A, CTL1A, CTL2A, CTL3A, CTL0B, CTL1B, CTL2B, and CTL3B
Input High Voltage
V
IH
1.2
V
Input Low Voltage
V
IL
0.4
V
Input High Current
I
IH
V
CTL 0-3= VIN
-2.0
5.0
µA
Input Low Current
I
IL
V
CTL 0-3= GND
-2.0
2.0
µA
Notes
(1) All symbol references apply equally to A and B devices.
(2) Maximum output voltage is limited to VIN if the input is less than 3.3V.
(3) Measured from INA to LXA or from INB to LXB.
(4) Measured from LXA to GNDA or from LXB to GNDB.
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com