Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC197 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC197
Description  3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC197 Datasheet(HTML) 2 Page - Semtech Corporation

  SC197 Datasheet HTML 1Page - Semtech Corporation SC197 Datasheet HTML 2Page - Semtech Corporation SC197 Datasheet HTML 3Page - Semtech Corporation SC197 Datasheet HTML 4Page - Semtech Corporation SC197 Datasheet HTML 5Page - Semtech Corporation SC197 Datasheet HTML 6Page - Semtech Corporation SC197 Datasheet HTML 7Page - Semtech Corporation SC197 Datasheet HTML 8Page - Semtech Corporation SC197 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SC197
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC197ULTRT(1)(2)
MLPQ-UT18 2 x 3
SC197EVB
Evaluation Board
Notes:
(1) Available in tape and reel only. A reel contains 3,000 devices.
(2) Lead-free packaging only. Device is WEEE and RoHS compliant
and halogen-free.
TOP VIEW
CTL1A
16
17
18
14
13
12
11
10
5
4
3
2
1
7
8
9
6
15
CTL0A
OUTB
GNDB
LXB
NC
NC
LXA
GNDA
OUTA
CTL0B
CTL1B
197
yw
xxx
MLPQ-UT18; 2 x 3, 18 LEAD
θ
JA = 77°C/W
Table 1 – Output Voltage Settings
CTL3A/B
CTL2A/B
CTL1A/B
CTL0A/B
V
OUTA/B
0
0
0
0
Shutdown
0
0
0
1
0.80
0
0
1
0
1.00
0
0
1
1
1.20
0
1
0
0
1.40
0
1
0
1
1.50
0
1
1
0
1.60
0
1
1
1
1.80
1
0
0
0
1.85
1
0
0
1
1.90
1
0
1
0
2.00
1
0
1
1
2.20
1
1
0
0
2.50
1
1
0
1
2.80
1
1
1
0
3.00
1
1
1
1
3.30
197 = SC197
yw = Date code
xxx = lot number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com