Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC197 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC197
Description  3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC197 Datasheet(HTML) 3 Page - Semtech Corporation

  SC197 Datasheet HTML 1Page - Semtech Corporation SC197 Datasheet HTML 2Page - Semtech Corporation SC197 Datasheet HTML 3Page - Semtech Corporation SC197 Datasheet HTML 4Page - Semtech Corporation SC197 Datasheet HTML 5Page - Semtech Corporation SC197 Datasheet HTML 6Page - Semtech Corporation SC197 Datasheet HTML 7Page - Semtech Corporation SC197 Datasheet HTML 8Page - Semtech Corporation SC197 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SC197
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1) Tested according to JEDEC standard JESD22-A114.
(2) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB per JESD51 standards.
Absolute Maximum Ratings
INA, INB (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
LXA, LXB Voltage (V) . . . . . . . . . . . . . . . . . . . . .-1.0to(V
IN +0.5)
Other Pins (V). . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3to(V
IN + 0.3)
Output Short Circuit to GND. . . . . . . . . . . . . . . . Continuous
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5
Recommended Operating Conditions
Ambient Temperature Range (°C) . . . . . . . . . . .-40 ≤ T
A ≤ +85
Input Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . . . .2.9 ≤ V
IN ≤ 5.5
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . .7 7
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Unless otherwise specified: V
IN= 3.6V, CIN= 4.7µF, COUT=10µF, LX=1µH, VOUT =1.8V, TJ(MAX)=125°C, TA= -40 to +85 °C. Typical values are TA=+25 °C.
All specifications are identical for converters A and B.
Parameter
Symbol(1)
Condition
Min
Typ
Max
Units
Output Voltage Range
V
OUT
0.8
3.3 (2)
V
Output Voltage Tolerance
V
OUT_TOL
I
OUT = 200mA
-2.0
2.0
%
PSAVE mode
1.5
Line Regulation
ΔV
LINEREG
2.9 ≤ V
IN ≤ 5.5V, IOUT = 200mA
0.3
%/V
Load Regulation
ΔV
LOADREG
200mA ≤ I
OUT ≤ 500mA
-0.4
%
Output Current Capability
I
OUT
500
mA
Current Limit Threshold
I
LIMIT
800
1300
mA
Foldback Current Limit
I
FB_LIM
I
LOAD > ILIMIT
150
mA
Under-Voltage Lockout
V
UVLO
Rising V
IN
2.9
V
Hysteresis
200
mV
Quiescent Current
I
Q
No switching, I
OUT = 0mA
38
60
µA
Shutdown Current
I
SD
V
CTL 0-3= 0V
0.1
1.0
µA
LX Leakage Current
I
LX
Into LX pin
0.1
1.0
µA
High Side Switch Resistance(3)
R
DSON_P
I
OUT= 100mA
250
mΩ
Low Side Switch Resistance(4)
R
DSON_N
I
OUT= 100mA
350
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com