Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33793 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33793
Description  Distributed System Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33793 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33793 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33793
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33793 Pin Connections
Table 2. 33793 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 10.
Pin Number
Pin Name
Pin Function
Formal Name
Definition
1
BUSRTN
Power
Bus Return
This pin provides the common return for power and signalling.
2
I/O0
Input/Output
Logic I/O
This pin can be used to provide a logic level output, a logic input, or an
analog-to-digital (A/D) input.
3, 5
AGND
Ground
Analog Ground
This pin is the low reference level and power return for the analog-to-
digital converter (ADC).
4
I/O1
Input/Output
Logic I/O
This pin can be used to provide a logic level output, a logic input, or an
A/D input.
6
I/O3
Input/Output
Logic I/O
This pin can be used to provide a logic level output, a logic input, or an
A/D input.
7, 10, 13, 15
NC
No Connect
No Connect
These pins have no internal connections.
8
I/O2
Input/Output
Logic I/O
This pin can be used to provide a logic level output, a logic input, or an
A/D input.
9
LOGOUT
Output
Logic Out
This is a logic output with higher pull-up drive capability than the standard
logic I/O.
11
REGOUT
Output
Regulator Output
This pin provides a regulated 5.0 V output. The power is derived from the
bus.
12
H_CAP
Output
Holding Capacitor
A capacitor attached to this pin is charged by the bus during bus idle and
supplies current to run the device and for external devices via the
REGOUT pin during non-idle periods.
14
BUSIN
Input
DSI Bus Input
This pin attaches to the bus and responds to initialization commands.
16
BUSOUT
Output
DSI Bus Output
This pin attaches to the bus and responds to reverse initialization
commands.
LOGOUT
BUSOUT
NC
BUSIN
NC
H_CAP
NC
REGOUT
I/O2
BUSRTN
I/O0
AGND
I/O1
AGND
NC
I/O3
8
2
3
4
5
7
6
9
16
15
14
13
12
10
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com