Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33793 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33793
Description  Distributed System Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33793 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33793 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33793
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 33793 is designed to be used with a sensor at a
location that is remote from a centralized MCU. This device
provides power, measurement, and communications
between the remote sensor and the centralized MCU over a
DSI bus. Sensors such as accelerometers can be powered
from the regulated output of the device, and the resulting
analog value from the sensor can be converted from an
analog level to a digital value for transmission over the DSI
bus in response to a query from the MCU. Four I/O lines can
be configured by the central MCU over the DSI bus as analog
inputs, digital inputs, or digital outputs. This allows more than
one sensor to be remotely controlled and measured by a
single 33793. Additionally, a high drive logic output is
provided that can be used to power other low-power sensors.
Power is passed from BUSIN or BUSOUT through on-
board rectifiers to a storage capacitor (referred to as the
H_CAP). The H_CAP stores energy during the highest
voltage excursions of the BUSIN or BUSOUT pin (idle) and
supplies energy to power the device during low excursions of
BUSIN and BUSOUT.
The Regulator supplies an on-board regulated voltage for
internal use, and the Power on Reset (POR) circuit provides
a reset signal during low-voltage conditions and during power
up/down. Some current is available for low-power sensors.
Data from the Central Control Unit (CCU) is applied to the
BUSIN and/or BUSOUT pins as voltage levels that are
sensed by the Level Detection circuitry. The Serial Decoder
detects these transitions and decodes the incoming data.
The Control Logic provides overall control of the 33793. It
controls diagnostic testing and formats responses to
commands with the message encoder. Responses are
formed via a switched current source that is slew-rate
controlled.
The one-time programmable (OTP) memory array
provides the nonvolatile storage for the pre-programmed
address. It is accessed via the Read/Write NVM command. It
has a built-in hardware lock that only allows one write.
FUNCTIONAL PIN DESCRIPTION
BUS RETURN (BUSRTN)
This pin provides the common return for power and
signalling.
INPUT/OUTPUT (I/O0, I/O1, I/O2, I/O3)
This pin can be used to provide a logic level output, a logic
input, or an analog-to-digital (A/D) input.
ANALOG GROUND (AGND)
This pin is the low reference level and power return for the
analog-to-digital converter (ADC).
LOGIC OUT (LOGOUT)
This is a logic output with higher pull-up drive capability
than the standard logic I/O.
REGULATOR OUTPUT (REGOUT)
This pin provides a regulated 5.0 V output. The power is
derived from the bus.
HOLDING CAPACITOR (H_CAP)
A capacitor attached to this pin is charged by the bus
during bus idle and supplies current to run the device and for
external devices via the REGOUT pin during non-idle
periods.
DSI BUS INPUT (BUSIN)
This pin attaches to the bus and responds to initialization
commands.
DSI BUS OUTPUT (BUSOUT)
This pin attaches to the bus and responds to reverse
initialization commands.
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Refer to Figure 2, 33793 Internal Block Diagram, page 3,
for a simplified representation of the 33793’s components.
RECTIFIER
This rectifier or switch peak detects the bus signal into an
external capacitor attached to H_CAP. The capacitor
supplies power during signaling while the input voltage is at a
lower level.
The voltage waveform at BUSIN and/or BUSOUT and the
size of the filter capacitor at H_CAP must be such that the
voltage at H_CAP will not drop below the frame threshold
during signaling.
POR
The 33793 leaves the reset state when the voltage on
H_CAP rises above the Power-ON Reset threshold.
TIMEOUT
A timeout timer keeps track of the length of the time when
the input is not in idle mode. If this time exceeds a limit, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com