Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33793 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33793
Description  Distributed System Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33793 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33793 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33793
FUNCTIONAL DEVICE OPERATION
DSI COMMANDS AND RESPONSES
INITIALIZATION RESPONSE
This response message is sent during the next message
following a valid Initialization command to the addressed
device. The response is shown in Table 10. Because this is a
long-word only command, the short-word response is invalid.
REQUEST STATUS COMMAND
This command will cause the addressed device to return
the status of the NV, U, and BS bits and the logic levels of the
I/O and LOGICOUT. The command format is found in
Table 11.
REQUEST STATUS RESPONSE
This response message is sent during the next message
following a valid Request Status command to the addressed
device. The response format is found in Table 12. The high
byte is omitted during the short-word response. No response
is generated if the command address field was $0.
Table 9. Initialization Command Format
Data
Address
Command
CRC
NV
BS
G1
G0
PA3
PA2
PA1
PA0
A3
A2
A1
A0
0
0
0
0
X3
X2
X1
X0
Legend
A[3:0] = Address bits. The slave address.
BS = Bus Switch Position (1 = closed).
G[1:0] = Group bits (unused).
NV = Nonvolatile Memory Write. The value of the NV bit in the slave.
PA[3:0] = Bus Address to set the device to.
X[3:0] = Cyclic Redundancy Check (CRC). The CRC as calculated by the
master.
Table 10. Initialization Response Format
High Byte
Low Byte
CRC
A3
A2
A1
A0
0
0
0
BF
NV
BS
G1
G0
PA3
PA2
PA1
PA0
X3
X2
X1
X0
Legend
A[3:0] = Address bits. The slave address.
BF = Bus Fault. Bus out short to battery detected.
BS = Bus Switch Position (1 = closed).
G[1:0] = Group bits (unused).
NV = Nonvolatile Memory Write. The value of the NV bit in the slave.
PA[3:0] = Bus Address to set the device to.
X[3:0] = Cyclic Redundancy Check (CRC). The CRC as calculated by
the slave.
Table 11. Request Status Command Format
Data
Address
Command
CRC
–
–
–
–
–
–
–
–
A3
A2
A1
A0
0
0
0
1
X3
X2
X1
X0
Legend
A[3:0] = Address bits. The address of the selected device. An
address value of "0000" is ignored by all devices.
X[3:0] = Cyclic Redundancy Check (CRC). The CRC as calculated by the
master.
Table 12. Request Status Response Format
High Byte
Low Byte
CRC
A3
A2
A1
A0
0
0
0
0
NV
U
LO
BS
IO3
IO2
IO1
IO0
X3
X2
X1
X0
Legend
A[3:0] = Address bits. The slave address.
BS = Bus Switch Position (1 = closed).
LO = Logic out driven level.
IO[3:0] = Values at logic I/Os.
NV = Nonvolatile Memory Write. The value of the NV bit in the slave.
U = Undervoltage indicated true by a “1”.
X[3:0] = Cyclic Redundancy Check (CRC). The CRC as calculated by the
slave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com