Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R065G Datasheet(PDF) 89 Page - Holtek Semiconductor Inc

Part # HT48R065G
Description  Enhanced I/O Type MCU with OPA
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R065G Datasheet(HTML) 89 Page - Holtek Semiconductor Inc

Back Button HT48R065G Datasheet HTML 85Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 86Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 87Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 88Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 89Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 90Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 91Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 92Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 93Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 126 page
background image
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the OTP
Program Memory device during the programming process. During the development process, these
options are selected using the HT-IDE software development tools. As these options are programmed
into the device using the hardware programming tools, once they are selected they cannot be changed
later by the application software. All options must be defined for proper system function, the details of
which are shown in the table.
No.
Options
1
Watchdog Timer: enable or disable
2
Watchdog Timer clock source: LXT, LIRC or fSYS/4
Note: LXT oscillator must be selected by OSC configuration option if WDT clock source is from LXT.
3
CLRWDT instructions: 1 or 2 instructions
4
For HT48R064G/HT48R065G/HT48R066G
System oscillator configuration: HXT, HIRC, ERC, HIRC+LXT
For HT48R0662G
System oscillator configuration: HXT, HIRC, ERC, HXT+LXT, HIRC+LXT, ERC+LXT
5
LVR function: enable or disable
6
LVR voltage: 2.1V, 3.15V or 4.2V
7
RES or PA7 pin function
8
HIRC oscillator frequency: 4MHz, 8MHz or 12MHz
Application Circuits
Rev. 1.00
89
February 23, 2011
HT48R064G/065G/066G/0662G
Enhanced I/O Type 8-Bit OTP MCU with OPA
P A 6 / O S C 1
P A 5 / O S C 2
O S C
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n
P F 0 / O S C 4
P F 1 / O S C 3
O S C
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n
P A 7 / R E S
V D D
V S S
0 . 1 m F
V D D
R e s e t
C i r c u i t
0 . 1 ~ 1 m F
1 0 k W ~
1 0 0 k W
3 0 0 W
0 . 0 1 m F
1 N 4 1 4 8
P A 0 / A 1 N
P A 1 / P F D / A 1 A
P A 2 / T C 0 / A 0 X
P A 3 / I N T / A 0 N
P A 4 / T C 1 / P W M 0 / A 0 P
P B 0 / S C O M 0 ~ P B 3 / S C O M 3
P B 4 ~ P B 7
P C 0 / C N
P C 1 / C X
P C 2 / A N 0 ~ P C 5 / A N 3
P C 6 / A 1 P
P C 7 / C P
P D 2 ~ P D 3
P D 4 / A N 7 ~ P D 7 / A N 4
P E 0 ~ P E 7
S e e O s c i l l a t o r
S e c t i o n
H T 4 8 R 0 6 6 2 G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com