Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R065G Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT48R065G
Description  Enhanced I/O Type MCU with OPA
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R065G Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT48R065G Datasheet HTML 35Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 36Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 37Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 38Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 39Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 40Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 41Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 42Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
Operating Modes
By using the LXT low frequency oscillator in combination with a high frequency oscillator, the system
can be selected to operate in a number of different modes. These Modes are Normal, Slow, Idle and
Sleep.
Mode Types and Selection
HT48R064G/HT48R065G/HT48R066G
For these devices, if the LXT oscillator is used then the internal RC oscillator, HIRC, must be used as
the high frequency oscillator. If the HXT or the ERC oscillator is chosen as the high frequency system
clock then the LXT oscillator cannot be used as they share the same oscillator pins. The CLKMOD bit
in the CTRL0 register can be used to switch the system clock from the high speed HIRC oscillator to
the low speed LXT oscillator. When the HALT instruction is executed and the device enters the
Idle/Sleep Mode the LXT oscillator will always continue to run. For these devices the LXT crystal is
connected to the OSC1/OSC2 pins and LXT will always run (the LXTEN bit is not used). Note that
CLKMOD is only valid in HIRC+LXT oscillator configuration for HT48R064G/HT48R065G/
HT48R066G.
HT48R0662G
For the device the LXT oscillator can run together with any of the high speed oscillators, namely the
HXT, ERC or the HIRC. The CLKMOD bit in the CTRL0 register can be used to switch the system
clock from the selected high speed oscillator to the low speed LXT oscillator. When the HALT
instruction is executed the LXT oscillator can be chosen to run or not using the LXTEN bit in the
CTRL2 register.
Note that CLKMOD is only valid in HIRC+LXT oscillator configuration.
For all devices, when the system enters the Sleep or Idle Mode, the high frequency system clock will
always stop running. The accompanying tables shows the relationship between the CLKMOD bit, the
HALT instruction and the high/low frequency oscillators. The CLMOD bit can change normal or Slow
Mode.
Rev. 1.00
39
February 23, 2011
HT48R064G/065G/066G/0662G
Enhanced I/O Type 8-Bit OTP MCU with OPA
H X T
E R C
H I R C
M U X
C o n f i g u r a t i o n o p t i o n
L X T
M U X
( S L O W )
( N o r m a l )
L I R C
M U X
T o w a t c h d o g t i m e r
f H X T
f E R C
f H I R C
f L X T
f L I R C
f S Y S
f S Y S / 4
C L K M O D
( D e t e r m i n e N o r m a l /
S l o w M o d e )
C o n f i g u r a t i o n o p t i o n
System Clock Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com