Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R065G Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT48R065G
Description  Enhanced I/O Type MCU with OPA
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R065G Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT48R065G Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 14Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 15Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 16Page - Holtek Semiconductor Inc HT48R065G Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
Pin Name
Function
OPT
I/T
O/T
Description
PC7/CP
PC7
PCPU
PCWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
CP
COPA3C CMPI
¾
Comparator non-inverting input pin
PD0~PD3
PDn
PDPU
ST
CMOS General purpose I/O. Register enabled pull-up.
VDD
VDD
¾
PWR
¾
Power supply
VSS
VSS
¾
PWR
¾
Ground
Note:
OPT: Optional by configuration option (CO) or register option
I/T: Input type
O/T: Output type
PWR: Power
CO: Configuration option
ST: Schmitt Trigger input
CMOS: CMOS output
NMOS: NMOS output
HXT: High frequency crystal oscillator pin
LXT: Low frequency crystal oscillator pin
SCOM: Software controlled LCD COM
CMPI: Comparator input
CMPO: Comparator output
OPAI: Operational Amplifier input
OPAO: Operational Amplifier output
HT48R0662G
Pin Name
Function
OPT
I/T
O/T
Description
PA0/A1N
PA0
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
A1N
COPA3C OPAI
¾
OPA1 inverting input pin
PA1/PFD/A1X
PA1
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
PFD
CTRL0
¾
CMOS PFD output
A1X
COPA3C
¾
OPAO
OPA1 output pin
PA2/TC0/A0X
PA2
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
TC0
TMR0C
ST
¾
External Timer 0 clock input
A0X
COPA3C
¾
OPAO
OPA0 output pin
PA3/INT/A0N
PA3
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
INT
INTC0
CTRL1
ST
¾
External interrupt input
A0X
COPA3C OPAI
¾
OPA0 inverting input pin
PA4/TC1/A0P
PA4
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
TC1
TMR1C
ST
¾
External Timer 1 clock input
A0P
COPA3C OPAI
¾
OPA0 non-inverting input pin
Rev. 1.00
13
February 23, 2011
HT48R064G/065G/066G/0662G
Enhanced I/O Type 8-Bit OTP MCU with OPA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com