| Electronic Components Datasheet Search |
|
HT82B40A Datasheet(PDF) 15 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82B40A Datasheet(HTML) 15 Page - Holtek Semiconductor Inc |
|
15 / 58 page ![]() HT82B40R/HT82B40A Rev. 1.50 15 February 17, 2011 Pin-shared Functions The flexibility of the microcontroller range is greatly en- hanced by the use of pins that have more than one func- tion. Limited numbers of pins can force serious design constraints on designers but by supplying pins with multi-functions, many of these difficulties can be over- come. For some pins, the chosen function of the multi-function I/O pins is set by configuration options while for others the function is set by application pro- gram control. · External Timer0 Clock Input The external timer pin TMR0 is pin-shared with the I/O pin PA6. To configure this pin to operate as timer input, the corresponding control bits in the timer control reg- ister must be correctly set. For applications that do not require an external timer input, this pin can be used as a normal I/O pin. Note that if used as a normal I/O pin the timer mode control bits in the timer control register must select the timer mode, which has an internal clock source, to prevent the input pin from interfering with the timer operation. · External Timer1 Clock Input The external timer pin TMR1 is pin-shared with the I/O pin PA7. To configure this pin to operate as timer input, the corresponding control bits in the timer control reg- ister must be correctly set. For applications that do not require an external timer input, this pin can be used as a normal I/O pin. Note that if used as a normal I/O pin the timer mode control bits in the timer control register must select the timer mode, which has an internal clock source, to prevent the input pin from interfering with the timer operation I/O Pin Structures The diagram illustrates a generic I/O pin internal struc- tures. As the exact logical construction of the I/O pin will differ and as the pin-shared structures are not illustrated this diagram is supplied as a guide only to assist with the functional understanding of the I/O pins. Programming Considerations Within the user program, one of the first things to con- sider is port initialisation. After a reset, all of the data and port control register will be set high. This means that all I/O pins will default to an input state, the level of which depends on the other connected circuitry and whether pull-high options have been selected. If the PAC, PBC, PCC, PDC and PEC port control register, are then pro- grammed to setup some pins as outputs, these output pins will have an initial high output value unless the as- sociated PA, PB, PC, PD and PE port data registers are first programmed. Selecting which pins are inputs and which are outputs can be achieved byte-wide by loading the correct value into the port control register or by pro- gramming individual bits in the port control register us- ing the ²SET [m].i² and ²CLR [m].i² instructions. Note that when using these bit control instructions, a read-modify-write operation takes place. The microcontroller must first read in the data on the entire port, modify it to the required new bit values and then re- write this data back to the output ports. All pins have the additional capability of providing wake-up functions. When the device is in the Power Down Mode, various methods are available to wake the device up. One of these is a high to low transition of any of the Port pins. Single or multiple pins can be setup to have this function. V D D / V 3 3 O ( P B ) M U X W a k e - u p O p t i o n S y s t e m W a k e - u p R e a d D a t a R e g i s t e r D Q C K S D Q C K S C o n t r o l B i t D a t a B u s W r i t e C o n t r o l R e g i s t e r C h i p R e s e t R e a d C o n t r o l R e g i s t e r W r i t e D a t a R e g i s t e r D a t a B i t I / O p i n Q Q W e a k P u l l - u p P u l l - H i g h O p t i o n Input/Output Ports T 1 T 2 T 3 T 4 T 1 T 2 T 3 T 4 W r i t e t o P o r t R e a d f r o m P o r t S y s t e m C l o c k P o r t D a t a Read/Write Timing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |