| Electronic Components Datasheet Search |
|
HT82B40A Datasheet(PDF) 32 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82B40A Datasheet(HTML) 32 Page - Holtek Semiconductor Inc |
|
32 / 58 page ![]() HT82B40R/HT82B40A Rev. 1.50 32 February 17, 2011 Func. Name R/W Description EOP R/W This bit is used to indicate the SIE has detected a EOP USB signal in the USB Bus. This bit is set by SIE and cleared by F/W. J_state R/W This bit is used to indicate the SIE has detected a J_state USB signal in the USB Bus. This bit is set by SIE and cleared by F/W. K_state R/W This bit is used to indicate the SIE has detected a K_state USB signal in the USB Bus. This bit is set by SIE and cleared by F/W. ¾¾ Unused bit, read as ²0² SE0 R/W This bit is used to indicate the SIE has detected a SE0 noise in the USB Bus. This bit is set by SIE and cleared by F/W. SE1 R/W This bit is used to indicate the SIE has detected a SE1 noise in the USB Bus. This bit is set by SIE and cleared by F/W. USB_STAT Function Table The SIES Register is used to indicate the present signal state in which the SIE receives and also defines whether the SIE has to change the device address automatically. Bit No. Function Read/Write Register Address 0 Adr_set R/W 01000001B 1 F0_ERR R/W 2~6 ¾¾ 7 NMI R/W SIES (45H) Register Table Func. Name R/W Description ADR_SET R/W This bit is used to configure the SIE to automatically change the device address with the value of the Address+Remote_WakeUp Register. When this bit is set to ²1² by F/W, the SIE will update the device address with the value of the Address+Remote_WakeUp Register after the PC Host has successfully read the data from the device by the IN operation. The SIE will clear the bit after updating the device address. Otherwise, when this bit is cleared to ²0², the SIE will update the device address immediately after an address is written to the Address+Remote_WakeUp Register. Default 0. F0_ERR R/W This bit is used to indicate that some errors have occurred when accessing the FIFO0. This bit is set by SIE and cleared by F/W. Default 0 ¾¾ Unused bit, read as ²0² NMI R/W This bit is used to control whether the USB interrupt is output to the MCU in a NAK response to the PC Host IN or OUT token. Only for Endpoint0 1: has only USB interrupt, data is transmitted to the PC host or data is received from the PC Host 0: always has USB interrupt if the USB accesses FIFO0 Default 0 SIES Function Table |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |