Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82B40A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82B40A
Description  I/O MCU with USB Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B40A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82B40A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
(Integrated oscillator)
¾ fSYS=6MHz or 12MHz
3.3
¾
5.5
V
IDD
Operating Current
5V
No load, fSYS=6MHz
¾
6.5
12
mA
No load, fSYS=12MHz
¾
7.5
16
mA
ISTB
Standby Current
5V
NO load, system USB
suspend, set CLK_adj
[22H]
²*²
¾¾
400
mA
Standby Current
(WDT Enabled)
No load, system HALT,
input/output mode, set
SUSP2 & CLK_adj [22H]
¾¾
15
mA
VIL
Input Low Voltage for PA, PC
5V
where VDDIO=VDD
or V33O by option for PB
0
¾
0.8
V
Input Low Voltage for PB
0
¾
0.3VDDIO
V
Input Low Voltage for RES pin
0
¾
0.4VDD
V
VIH
Input High Voltage for PA, PC
5V
where VDDIO=VDD
or V33O by option for PB
2
¾
5V
Input High Voltage for PB
0.8VDDIO
¾
VDDIO
V
Input High Voltage for RES pin
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset
5V
¾
2.0
2.6
3.2
V
VV33O
3.3V Regulator Output for
USB SIE
5V
IV33O=70mA
3.0
3.3
3.6
V
IOL
Output Sink Current for I/O Pin
5V
VOL=0.4V
24
¾
mA
IOH
Output Source Current for I/O Pin
5V
VOH=3.4V
-2
-4
¾
mA
RPH
Pull-high Resistance for CLK,
DATA
5V
¾
¾
4.7
¾
k
W
Pull-high Resistance for PB
15
30
45
k
W
Pull-high Resistance for PA, PC,
PD and PE0~PE1
20
50
70
k
W
Note:
²*² include 15kW loading on the USBPDP, USBPDN lines at the host terminal.
HT82B40R/HT82B40A
Rev. 1.50
4
February 17, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com