Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS767D301 Datasheet(PDF) 39 Page - Texas Instruments

Part # TPS767D301
Description  Digital Signal Controller (DSC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS767D301 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS767D301 Datasheet HTML 35Page - Texas Instruments TPS767D301 Datasheet HTML 36Page - Texas Instruments TPS767D301 Datasheet HTML 37Page - Texas Instruments TPS767D301 Datasheet HTML 38Page - Texas Instruments TPS767D301 Datasheet HTML 39Page - Texas Instruments TPS767D301 Datasheet HTML 40Page - Texas Instruments TPS767D301 Datasheet HTML 41Page - Texas Instruments TPS767D301 Datasheet HTML 42Page - Texas Instruments TPS767D301 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 158 page
background image
SM320F28335-HT
www.ti.com
SPRS682 – DECEMBER 2010
Table 3-7. Peripheral Frame 2 Registers
NAME
ADDRESS RANGE
SIZE (×16)
System Control Registers
0x00 7010 - 0x00 702F
32
SPI-A Registers
0x00 7040 - 0x00 704F
16
SCI-A Registers
0x00 7050 - 0x00 705F
16
External Interrupt Registers
0x00 7070 - 0x00 707F
16
ADC Registers
0x00 7100 - 0x00 711F
32
SCI-B Registers
0x00 7750 - 0x00 775F
16
SCI-C Registers
0x00 7770 - 0x00 777F
16
I2C-A Registers
0x00 7900 - 0x00 793F
64
Table 3-8. Peripheral Frame 3 Registers
NAME
ADDRESS RANGE
SIZE (×16)
McBSP-A Registers (DMA)
0x5000 – 0x503F
64
McBSP-B Registers (DMA)
0x5040 - 0x507F
64
EPWM1 + HRPWM1 (DMA)(1)
0x5800 – 0x583F
64
EPWM2 + HRPWM2 (DMA)
0x5840 - 0x587F
64
EPWM3 + HRPWM3 (DMA)
0x5880 - 0x58BF
64
EPWM4 + HRPWM4 (DMA)
0x58C0 - 0x58FF
64
EPWM5 + HRPWM5 (DMA)
0x5900 - 0x593F
64
EPWM6 + HRPWM6 (DMA)
0x5940 - 0x597F
64
(1)
The ePWM/HRPWM modules can be re-mapped to Peripheral Frame 3 where they can be accessed by the DMA module. To achieve
this, bit 0 (MAPEPWM) of MAPCNF register (address 0x702E) must be set to 1. This register is EALLOW protected. When this bit is 0,
the ePWM/HRPWM modules are mapped to Peripheral Frame 1.
3.4
Device Emulation Registers
These registers are used to control the protection mode of the C28x CPU and to monitor some critical
device signals. The registers are defined in Table 3-9.
Table 3-9. Device Emulation Registers
ADDRESS
NAME
SIZE (x16)
DESCRIPTION
RANGE
0x0880
DEVICECNF
2
Device Configuration Register
0x0881
PARTID
0x380090
1
Part ID Register
0x00EF
CLASSID
0x0882
1
0x00EF
REVID
0x0883
1
Revision ID
0x0000 - Silicon Rev. 0 - TMX
Register
0x0001 – Silicon Rev. A – TMS
PROTSTART
0x0884
1
Block Protection Start Address Register
PROTRANGE
0x0885
1
Block Protection Range Address Register
Copyright © 2010, Texas Instruments Incorporated
Functional Overview
39
Submit Documentation Feedback
Product Folder Link(s): SM320F28335-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com