Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS767D301 Datasheet(PDF) 65 Page - Texas Instruments

Part # TPS767D301
Description  Digital Signal Controller (DSC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS767D301 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TPS767D301 Datasheet HTML 61Page - Texas Instruments TPS767D301 Datasheet HTML 62Page - Texas Instruments TPS767D301 Datasheet HTML 63Page - Texas Instruments TPS767D301 Datasheet HTML 64Page - Texas Instruments TPS767D301 Datasheet HTML 65Page - Texas Instruments TPS767D301 Datasheet HTML 66Page - Texas Instruments TPS767D301 Datasheet HTML 67Page - Texas Instruments TPS767D301 Datasheet HTML 68Page - Texas Instruments TPS767D301 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 158 page
background image
ResultRegisters
EPWMSOCB
S/W
GPIO/
XINT2_ADCSOC
EPWMSOCA
S/W
Sequencer2
Sequencer1
SOC
SOC
ADCControlRegisters
70B7h
70B0h
70AFh
70A8h
ResultReg15
ResultReg8
ResultReg7
ResultReg1
ResultReg0
12-Bit
ADC
Module
Analog
MUX
ADCINA0
ADCINA7
ADCINB0
ADCINB7
System
ControlBlock
High-Speed
Prescaler
HSPCLK
ADCENCLK
DSP
SYSCLKOUT
S/H
S/H
HALT
SM320F28335-HT
www.ti.com
SPRS682 – DECEMBER 2010
Figure 4-8. Block Diagram of the ADC Module
To obtain the specified accuracy of the ADC, proper board layout is very critical. To the best extent
possible, traces leading to the ADCIN pins should not run in close proximity to the digital signal paths.
This is to minimize switching noise on the digital lines from getting coupled to the ADC inputs.
Furthermore, proper isolation techniques must be used to isolate the ADC module power pins ( VDD1A18,
VDD2A18 , VDDA2, VDDAIO) from the digital supply.Figure 4-9 shows the ADC pin connections for the devices.
NOTE
1. The ADC registers are accessed at the SYSCLKOUT rate. The internal timing of the
ADC module is controlled by the high-speed peripheral clock (HSPCLK).
2. The behavior of the ADC module based on the state of the ADCENCLK and HALT
signals is as follows:
–
ADCENCLK: On reset, this signal will be low. While reset is active-low (XRS) the
clock to the register will still function. This is necessary to make sure all registers and
modes go into their default reset state. The analog module, however, will be in a low-
power inactive state. As soon as reset goes high, then the clock to the registers will
be disabled. When the user sets the ADCENCLK signal high, then the clocks to the
registers will be enabled and the analog module will be enabled. There will be a
certain time delay (ms range) before the ADC is stable and can be used.
–
HALT: This mode only affects the analog module. It does not affect the registers. In
this mode, the ADC module goes into low-power mode. This mode also will stop the
clock to the CPU, which will stop the HSPCLK; therefore, the ADC register logic will
be turned off indirectly.
Copyright © 2010, Texas Instruments Incorporated
Peripherals
65
Submit Documentation Feedback
Product Folder Link(s): SM320F28335-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com