Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS767D301 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS767D301
Description  Digital Signal Controller (DSC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS767D301 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS767D301 Datasheet HTML 15Page - Texas Instruments TPS767D301 Datasheet HTML 16Page - Texas Instruments TPS767D301 Datasheet HTML 17Page - Texas Instruments TPS767D301 Datasheet HTML 18Page - Texas Instruments TPS767D301 Datasheet HTML 19Page - Texas Instruments TPS767D301 Datasheet HTML 20Page - Texas Instruments TPS767D301 Datasheet HTML 21Page - Texas Instruments TPS767D301 Datasheet HTML 22Page - Texas Instruments TPS767D301 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 158 page
background image
SM320F28335-HT
www.ti.com
SPRS682 – DECEMBER 2010
Table 2-3. Signal Descriptions (continued)
NAME
DESCRIPTION (1)
Internal/External Oscillator Input. To use the internal oscillator, a quartz crystal or a ceramic resonator may be
connected across X1 and X2. The X1 pin is referenced to the 1.9-V core digital power supply. A 1.9-V external
X1
oscillator may be connected to the X1 pin. In this case, the XCLKIN pin must be connected to ground. If a 3.3-V
external oscillator is used with the XCLKIN pin, X1 must be tied to GND. (I)
Internal Oscillator Output. A quartz crystal or a ceramic resonator may be connected across X1 and X2. If X2 is not
X2
used it must be left unconnected. (O)
RESET
Device Reset (in) and Watchdog Reset (out).
Device reset. XRS causes the device to terminate execution. The PC will point to the address contained at the
location 0x3FFFC0. When XRS is brought to a high level, execution begins at the location pointed to by the PC. This
XRS
pin is driven low by the DSC when a watchdog reset occurs. During watchdog reset, the XRS pin is driven low for the
watchdog reset duration of 512 OSCCLK cycles. (I/OD,
↑)
The output buffer of this pin is an open-drain with an internal pullup. It is recommended that this pin be driven by an
open-drain device.
ADC SIGNALS
ADCINA7
ADC Group A, Channel 7 input (I)
ADCINA6
ADC Group A, Channel 6 input (I)
ADCINA5
ADC Group A, Channel 5 input (I)
ADCINA4
ADC Group A, Channel 4 input (I)
ADCINA3
ADC Group A, Channel 3 input (I)
ADCINA2
ADC Group A, Channel 2 input (I)
ADCINA1
ADC Group A, Channel 1 input (I)
ADCINA0
ADC Group A, Channel 0 input (I)
ADCINB7
ADC Group B, Channel 7 input (I)
ADCINB6
ADC Group B, Channel 6 input (I)
ADCINB5
ADC Group B, Channel 5 input (I)
ADCINB4
ADC Group B, Channel 4 input (I)
ADCINB3
ADC Group B, Channel 3 input (I)
ADCINB2
ADC Group B, Channel 2 input (I)
ADCINB1
ADC Group B, Channel 1 input (I)
ADCINB0
ADC Group B, Channel 0 input (I)
ADCLO
Low Reference (connect to analog ground) (I)
ADCRESEXT
ADC External Current Bias Resistor. Connect a 22-k
Ω resistor to analog ground.
ADCREFIN
External reference input (I)
Internal Reference Positive Output. Requires a low ESR (50 m
Ω - 1.5 Ω) ceramic bypass capacitor of 2.2 mF to
ADCREFP
analog ground. (O)
Internal Reference Medium Output. Requires a low ESR (50 m
Ω - 1.5 Ω) ceramic bypass capacitor of 2.2 mF to
ADCREFM
analog ground. (O)
CPU AND I/O POWER PINS
VDDA2
ADC Analog Power Pin
VSSA2
ADC Analog Ground Pin
VDDAIO
ADC Analog I/O Power Pin
VSSAIO
ADC Analog I/O Ground Pin
VDD1A18
ADC Analog Power Pin
VSS1AGND
ADC Analog Ground Pin
VDD2A18
ADC Analog Power Pin
VSS2AGND
ADC Analog Ground Pin
VDD
CPU and Logic Digital Power Pin
VDDIO
Digital I/O Power Pin
VSS
Digital Ground Pin
Copyright © 2010, Texas Instruments Incorporated
Introduction
19
Submit Documentation Feedback
Product Folder Link(s): SM320F28335-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com