Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8306EC Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC8306EC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8306EC Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC8306EC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
MPC8306 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0
52
Freescale Semiconductor
Package and Pin Listings
21.3
Pinout Listings
Following table shows the pin list of the MPC8306.
Table 52.
MPC8306Pinout Listing
Signal
Package Pin Number
Pin Type
Power Supply
Notes
DDR Memory Controller Interface
MEMC_MDQ[0]
W5
IO
GVDD
—
MEMC_MDQ[1]
V4
IO
GVDD
—
MEMC_MDQ[2]
Y4
IO
GVDD
—
MEMC_MDQ[3]
AB1
IO
GVDD
—
MEMC_MDQ[4]
AA1
IO
GVDD
—
MEMC_MDQ[5]
Y2
IO
GVDD
—
MEMC_MDQ[6]
Y1
IO
GVDD
—
MEMC_MDQ[7]
W2
IO
GVDD
—
MEMC_MDQ[8]
G2
IO
GVDD
—
MEMC_MDQ[9]
G1
IO
GVDD
—
MEMC_MDQ[10]
F1
IO
GVDD
—
MEMC_MDQ[11]
E2
IO
GVDD
—
MEMC_MDQ[12]
E1
IO
GVDD
—
MEMC_MDQ[13]
E4
IO
GVDD
—
MEMC_MDQ[14]
F4
IO
GVDD
—
MEMC_MDQ[15]
D1
IO
GVDD
—
MEMC_MDM[0]
AB2
O
GVDD
—
MEMC_MDM[1]
G4
O
GVDD
—
MEMC_MDQS[0]
V5
IO
GVDD
—
MEMC_MDQS[1]
F5
IO
GVDD
—
MEMC_MBA[0]
L2
O
GVDD
—
MEMC_MBA[1]
L1
O
GVDD
—
MEMC_MBA[2]
R4
O
GVDD
—
MEMC_MA[0]
M1
O
GVDD
—
MEMC_MA[1]
M4
O
GVDD
—
MEMC_MA[2]
N1
O
GVDD
—
MEMC_MA[3]
N2
O
GVDD
—
MEMC_MA[4]
P1
O
GVDD
—
MEMC_MA[5]
N4
O
GVDD
—
MEMC_MA[6]
P2
O
GVDD
—
MEMC_MA[7]
R1
O
GVDD
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com