Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8306EC Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8306EC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8306EC Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8306EC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8306EC Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
MPC8306 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0
10
Freescale Semiconductor
Power Characteristics
Figure 3.
MPC8306Power-Up Sequencing Example
3
Power Characteristics
The typical power dissipation for this family of MPC8306 devices is shown in Table 5.
Table 5.
MPC8306 Power Dissipation
Core
Frequency (MHz)
QUICC Engine
Frequency (MHz)
CSB
Frequency (MHz)
Typical
Maximum
Unit
Notes
133
133
133
0.272
0.618
W
1, 2,3
200
200
133
0.291
0.631
W
1, 2, 3
266
200
133
0.451
0.925
W
1, 2, 3
Notes:
1. The values do not include I/O supply power (OVDD and GVDD), but it does include VDD and AVDD power . For I/O power
values, see Table 6.
2. Typical power is based on a nominal voltage of VDD = 1.0 V, ambient temperature, and the core running a Dhrystone
benchmark application. The measurements were taken on the evaluation board using WC process silicon.
3. Maximum power is based on a voltage of VDD = 1.05 V, WC process, a junction TJ = 105C, and an artificial smoke test.
t
90%
V
Core Voltage (VDD)
I/O Voltage (GVDD and OVDD)
0
0.7 V
PORESET
>= 32
 tSYS_CLK_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com